Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SB384FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TC7SB384FU
Descripción Electrónicos  Single Bus Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SB384FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SB384FU Datasheet HTML 1Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 2Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 3Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 4Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 5Page - Toshiba Semiconductor TC7SB384FU Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SB384FU
2007-10-19
4
AC Test Circuit
AC Waveform
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
7.0 V
tpHZ, tpZH
Open
Open
7.0 V
GND
Switch
Output
Measure
CL = 50 pF
RL = 500 Ω
Figure 1
Figure 2 tpLH, tpHL
90%
10%
Input
(A, B)
GND
3.0 V
tr 2.5 ns
1.5 V
Output
(B, A)
VOL
VOH
1.5 V
tpLH
tpHL
tf 2.5 ns
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.5 V
GND
3.0 V
1.5 V
tpHZ
tpZH
tr 2.5 ns
1.5 V
GND
VOH
Outputs
enabled
1.5 V
tpLZ
tpZL
VOH 0.3 V
Outputs
disabled
Outputs
enabled
Output Enable
( OE )
Output (A, B)
Low to Off to Low
Output (A, B)
High to Off to High
VOL +
0.3 V
tf 2.5 ns


Número de pieza similar - TC7SB384FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SB384FU TOSHIBA-TC7SB384FU Datasheet
97Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Descripción similar - TC7SB384FU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125 Datasheet
121Kb / 18P
   Single bus switch
Rev. 01-2 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU Datasheet
104Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 NXP-74CBTLV1G125 Datasheet
149Kb / 18P
   Single bus switch
Rev. 01-23 February 2007
logo
Toshiba Semiconductor
TC7SB66FU TOSHIBA-TC7SB66FU_07 Datasheet
165Kb / 6P
   Single Bus Switch
logo
NXP Semiconductors
74CBTLV1G125 PHILIPS-74CBTLV1G125_15 Datasheet
266Kb / 21P
   Single bus switch
Rev. 4-5 September 2012
logo
Toshiba Semiconductor
TC7SB385FU TOSHIBA-TC7SB385FU Datasheet
103Kb / 6P
   Single Bus Switch
TC7SB385FU TOSHIBA-TC7SB385FU_07 Datasheet
164Kb / 6P
   Single Bus Switch
logo
Renesas Technology Corp
HD74CBT1G125 RENESAS-HD74CBT1G125 Datasheet
112Kb / 9P
   Single FET Bus Switch
logo
Pericom Semiconductor C...
PI5C3302 PERICOM-PI5C3302 Datasheet
57Kb / 3P
   Single Bit Bus Switch
logo
Texas Instruments
SN74CBT1G125 TI-SN74CBT1G125 Datasheet
60Kb / 4P
[Old version datasheet]   SINGLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com