Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC7SBD385AFU Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC7SBD385AFU
Descripción Electrónicos  Single Bus Switch with Level Shifting
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SBD385AFU Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SBD385AFU Datasheet HTML 1Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 2Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 3Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 4Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 5Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 6Page - Toshiba Semiconductor TC7SBD385AFU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TC7SBD385AFU
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SBD385AFU
Single Bus Switch with Level Shifting
The TC7SBD385AFU provides single bit of high-speed
TTL-compatible switching. The low on resistance of the switch
allows connections to be made with minimal propagation delay.
The device is organized as just 1-bit low-impedance switch with
output-enable (OE) input. When OE is high, the switch is on and
data can flow from port A to port B, or vice versa. When OE is
low, the switch is open and a high-impedance state exists
between the two ports.
The device is enable to realize the shift of signal level from 5 V
to 3.3 V.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage: VCC = 4.5~5.5 V
• High speed operation: tpd = 0.32 ns (max)
• Low on resistance: RON = 5 Ω (typ.)
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• TTL level input (control input)
• Low Power Dissipation: Icc = 10 μA (max.)
• Package: USV
Pin Assignment (top view)
Weight: 0.006 g (typ.)
VCC
5
4
A
1
2
3
GND
B
J T
OE


Número de pieza similar - TC7SBD385AFU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
More results

Descripción similar - TC7SBD385AFU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
   Single Bus Switch with Level Shifting
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
   Single Bus Switch with Level Shifting
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125 TI-SN74CBTD1G125 Datasheet
65Kb / 5P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD1G125DBVR TI-SN74CBTD1G125DBVR Datasheet
606Kb / 14P
[Old version datasheet]   SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
   Dual bus switch with level shifting
2001 Nov 08
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
   Dual bus switch with level shifting
Rev. 8-1 May 2012
logo
Nexperia B.V. All right...
CBTD3306 NEXPERIA-CBTD3306 Datasheet
215Kb / 12P
   Dual bus switch with level shifting
Rev. 10 - 19 March 2021
logo
Texas Instruments
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
Fairchild Semiconductor
FSTD16861 FAIRCHILD-FSTD16861 Datasheet
164Kb / 5P
   20-Bit Bus Switch with Level Shifting
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com