Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
CD54HCT175F3A Datasheet(PDF) 5 Page - Texas Instruments |
|
|
CD54HCT175F3A Datasheet(HTML) 5 Page - Texas Instruments |
5 / 14 page 5 Setup Time, Data to Clock tSU - 2 80 - - 100 - 120 - ns 4.5 16 - - 20 - 24 - ns 6 14 - - 17 - 20 - ns Hold Time, Data to Clock tH -2 5 - - 5 - 5 - ns 4.5 5 - - 5 - 5 - ns 6 5 - - 5-5- ns Removal Time, MR to Clock tREM -2 5 - - 5 - 5 - ns 4.5 5 - - 5 - 5 - ns 6 5 - - 5-5- ns Clock Frequency fMAX - 2 6 - - 5 - 4 - MHz 4.5 30 - - 25 - 20 - MHz 6 35 - - 29 - 23 - MHz HCT TYPES Clock Pulse Width tw - 4.5 20 - - 25 - 30 - ns MR Pulse Width tw - 4.5 20 - - 25 - 30 - ns Setup Time Data to Clock tSU - 4.5 20 - - 25 - 30 - ns Hold Time Data to Clock tH - 4.5 5 - - 5 - 5 - ns Removal Time MR to Clock tREM - 4.5 5 - - 5 - 5 - ns Clock Frequency fMAX - 4.5 25 - - 20 - 16 - MHz Switching Specifications Input tr, tf = 6ns PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS TYP MAX MAX MAX HC TYPES Propagation Delay, Clock to Q or Q tPLH, tPHL CL = 50pF 2 - 175 220 265 ns 4.5 - 35 44 53 ns 6 - 30 37 45 ns CL = 15pF 5 14 - - - ns Propagation Delay, MR to Q or Q tPLH, tPHL CL = 50pF 2 - 175 220 265 ns 4.5 - 35 44 53 ns 6 - 30 37 45 ns CL = 15pF 5 14 - - - ns Output Transition Times tTLH, tTHL CL = 50pF 2 - 75 95 110 ns 4.5 - 15 19 22 ns 6 - 13 16 19 ns Input Capacitance CIN -- - 10 10 10 pF Power Dissipation Capacitance (Notes 3, 4) CPD - 5 65 - - - pF Prerequisite For Switching Specifications (Continued) PARAMETER SYMBOL TEST CONDITIONS VCC (V) 25oC -40oC TO 85oC -55oC TO 125oC UNITS MIN TYP MAX MIN MAX MIN MAX CD54HC175, CD74HC175, CD54HCT175, CD74HCT175 |
Número de pieza similar - CD54HCT175F3A |
|
Descripción similar - CD54HCT175F3A |