Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCX16240FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74LCX16240FT
Descripción Electrónicos  Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCX16240FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCX16240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCX16240FT Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74LCX16240FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCX16240FT
Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
The TC74LCX16240FT is a high-performance CMOS 16-bit bus
buffer. Designed for use in 2.5-V or 3.3-V systems, it achieves
high-speed operation while maintaining the CMOS low power
dissipation.
The device is designed for low-voltage (2.5-V or 3.3-V ) VCC
applications, but it could be used to interface to 5-V supply
environment for both inputs and outputs.
This device is inverting 3-state buffer having four active-low
output enables. It can be used as four 4-bit buffers two 8-bit
buffers or one 16-bit buffer. When the OE input is high, the
outputs are in a high-impedance state. This device is designed to
be used with 3-state memory address drivers, etc.
All inputs are equipped with protection circuits against static discharge.
Features
• Low-voltage operation: VCC = 2.0 to 3.6 V
• High-speed operation: tpd = 4.5 ns (max) (VCC = 3.0 to 3.6 V)
• Output current: |IOH|/IOL = 24 mA (min) (VCC = 3.0 V)
• Latch-up performance: −500 mA
• Package: TSSOP
• Power-down protection provided on all inputs and outputs
Weight: 0.25 g (typ.)


Número de pieza similar - TC74LCX16240FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results

Descripción similar - TC74LCX16240FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCX16240FT TOSHIBA-TC74LCX16240FT Datasheet
149Kb / 9P
   Low-Voltage 16-Bit Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16240AFT TOSHIBA-TC74LCX16240AFT Datasheet
252Kb / 7P
   LOW-VOLTAGE 16-BIT BUS BUFFER(INVERTED) WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ540FK TOSHIBA-TC7MZ540FK_07 Datasheet
186Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC7MZ240FK TOSHIBA-TC7MZ240FK_07 Datasheet
185Kb / 7P
   Low Voltage Octal Bus Buffer (inverted) with 5 V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_10 Datasheet
230Kb / 11P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F Datasheet
193Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT_07 Datasheet
184Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX16244FT TOSHIBA-TC74LCX16244FT Datasheet
141Kb / 9P
   Low-Voltage 16-Bit Bus Buffer with 5-V Tolerant Inputs and Outputs
TC74LCX240F TOSHIBA-TC74LCX240F_07 Datasheet
243Kb / 9P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
TC74LCX540F TOSHIBA-TC74LCX540F_07 Datasheet
246Kb / 10P
   Low-Voltage Octal Bus Buffer (inverted) with 5-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com