Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LCXR164245FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74LCXR164245FT
Descripción Electrónicos  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR164245FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74LCXR164245FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74LCXR164245FT_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74LCXR164245FT
2007-10-19
8
AC Characteristics (input: tr = tf = 2.5 ns, RL = 500 Ω)
VCCA = 3.3 ± 0.3 V
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
CL (pF)
VCCB (V)
Min
Max
Unit
Propagation delay time
(Bn
→ An)
tpLH
tpHL
50
5.0
± 0.5
1.0
6.8
3-state output enable time
( OE
→ An)
tpZL
tpZH
50
5.0
± 0.5
1.0
10.0
3-state output disable time
( OE → An)
tpLZ
tpHZ
Input: Bn
Output: An
(DIR
= “L”)
50
5.0
± 0.5
1.0
9.5
ns
Propagation delay time
(An
→ Bn)
tpLH
tpHL
50
5.0
± 0.5
1.0
6.8
3-state output enable time
( OE → Bn)
tpZL
tpZH
50
5.0
± 0.5
1.0
10.0
3-state output disable time
( OE
→ Bn)
tpLZ
tpHZ
Input: An
Output: Bn
(DIR
= “H”)
50
5.0
± 0.5
1.0
9.5
ns
Output to output skew
tosLH
tosHL
(Note)
50
5.0
± 0.5
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)
VCCA = 2.5 ± 0.2 V
Ta
= −40 to
85°C
Characteristics
Symbol
Test Condition
CL (pF)
VCCB (V)
Min
Max
Unit
Propagation delay time
(Bn
→ An)
tpLH
tpHL
30
5.0
± 0.5
1.0
9.0
3-state output enable time
(
OE
→ An)
tpZL
tpZH
30
5.0
± 0.5
1.0
12.5
3-state output disable time
( OE
→ An)
tpLZ
tpHZ
Input: Bn
Output: An
(DIR
= “L”)
30
5.0
± 0.5
1.0
11.5
ns
Propagation delay time
(An
→ Bn)
tpLH
tpHL
50
5.0
± 0.5
1.0
10.0
3-state output enable time
( OE
→ Bn)
tpZL
tpZH
50
5.0
± 0.5
1.0
12.5
3-state output disable time
( OE → Bn)
tpLZ
tpHZ
Input: An
Output: Bn
(DIR
= “H”)
50
5.0
± 0.5
1.0
11.5
ns
Output to output skew
tosLH
tosHL
(Note) 30 or 50 5.0
± 0.5
1.0
ns
Note:
Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Número de pieza similar - TC74LCXR164245FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
More results

Descripción similar - TC74LCXR164245FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com