Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74LVX4053FT Datasheet(PDF) 7 Page - Toshiba Semiconductor

No. de pieza TC74LVX4053FT
Descripción Electrónicos  Multiplexer/Demultiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LVX4053FT Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TC74LVX4053FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 9Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 10Page - Toshiba Semiconductor TC74LVX4053FT Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TC74LVX4051,4052,4053F/FT
2007-10-17
7
Analog Switch Characteristics (GND = 0 V, Ta = 25°C) (Note)
Characteristics
Symbol
Test Condition
VEE (V) VCC (V)
Typ.
Unit
VIN = 2.0 Vp-p
0
3.0
0.100
VIN = 4.0 Vp-p
0
4.5
0.030
Sine Wave Distortion
(T.H.D)
RL = 10 kΩ, CL = 50 pF,
fIN = 1 kHz
VIN = 6.0 Vp-p
−0.3
3.0
0.020
%
4051
150
4052
180
4053
0
3.0
200
4051
150
4052
180
4053
0
4.5
200
4051
150
4052
180
Frequency response
(switch ON)
fmax
Adjust fIN voltage to obtain 0dBm
at VOS.
Increase fIN frequency until dB
meter reads
−3dB.
RL = 50 Ω, CL = 10 pF,
fIN = 1 MHz, sine wave
Figure 3
4053
−3.0
3.0
200
MHz
0
3.0
−45
0
4.5
−45
VIN is centered at (VCC − VEE)/2.
Adjust input for 0dBm.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 4
−3.0
3.0
−45
0
3.0
−60
0
4.5
−60
Feed through attenuation
(switch OFF)
RL = 50 Ω, CL = 10 pF, fIN = 1 MHz, sine wave
−3.0
3.0
−60
dB
0
3.0
90
0
4.5
150
Crosstalk
(control input to signal
output)
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, square wave
(tr = tf = 6 ns)
Figure 5
−3.0
3.0
120
mV
0
3.0
−45
0
4.5
−45
Crosstalk
(between any switches)
Adjust VIN to obtain 0dBm at input.
RL = 600 Ω, CL = 50 pF, fIN = 1 MHz, sine wave
Figure 6
−3.0
3.0
−45
dB
Note: These characteristics are determined by design of devices.
Switch pin
Common pin


Número de pieza similar - TC74LVX4053FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74LVX4053FT TOSHIBA-TC74LVX4053FT Datasheet
167Kb / 11P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX4053FT TOSHIBA-TC74LVX4053FT_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
More results

Descripción similar - TC74LVX4053FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OPLINK Communications I...
AAWG OPLINK-AAWG Datasheet
600Kb / 3P
   Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTU4411 TI1-SN74CBTU4411_16 Datasheet
922Kb / 21P
[Old version datasheet]   Multiplexer/Demultiplexer
logo
Emcore Corporation
MDM-7001D EMCORE-MDM-7001D Datasheet
60Kb / 1P
   DWDM Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
Texas Instruments
SN74CBT16214 TI1-SN74CBT16214_15 Datasheet
1Mb / 22P
[Old version datasheet]   FET Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com