Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX14FT Datasheet(PDF) 8 Page - Toshiba Semiconductor

No. de pieza TC74VCX14FT
Descripción Electrónicos  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX14FT Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC74VCX14FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX14FT_07 Datasheet HTML 11Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
8
AC Test Circuit
AC Waveform
Figure 2 tpLH, tpHL
90%
10%
VOL
VOH
VIH
VM
tpLH
tpHL
tf 2.0 ns
tr 2.0 ns
VM
Output
(Y)
Input
(A)
Output
Measure
Figure 1
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2V
RL
500 Ω
2 kΩ
CL
30 pF
15 pF
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8
± 0.15 V
1.5
± 0.1 V
1.2 V
VIH
2.7 V
VCC
VCC
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VCC/2
VCC/2


Número de pieza similar - TC74VCX14FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX14FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com