Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

TC74VCX14FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de Pieza. TC74VCX14FT
Descripción  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Descarga  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo 

TC74VCX14FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
2
Pin Assignment (top view)
IEC Logic Symbol
Truth Table
Inputs
Outputs
A
Y
L
H
H
L
System Diagram and Waveforms
VCC
14
6A
6Y
5A
5Y
4A
13
12
11
10
9
8
1A
1
2
3
4
5
6
7
1Y
2A
2Y
3A
3Y
GND
4Y
1A
2A
3A
4A
5A
6A
(1)
(3)
(5)
(9)
(11)
(13)
1Y
2Y
3Y
4Y
5Y
6Y
(2)
(4)
(6)
(8)
(10)
(12)
VN
VH
Y
VP
A
VIN (A)
VOUT (Y)


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn