Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX14FK Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TC74VCX14FK
Descripción Electrónicos  Low-Voltage Hex Schmitt Inverter with 3.6-V Tolerant Inputs and Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX14FK Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VCX14FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX14FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74VCX14FT/FK
2007-10-19
5
DC Characteristics (Ta = −40 to 85°C, 1.65 V <= VCC < 2.3 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VP
1.65
1.4
V
Input voltage
L-level
VN
1.65
0.25
V
Hysteresis voltage
VH
1.65
0.2
0.95
V
IOH = −100 μA
1.65~2.3
VCC
− 0.2
H-level
VOH
VIN = VIL
IOH = −6 mA
1.65
1.25
V
IOL = 100 μA
1.65~2.3
0.2
Output voltage
L-level
VOL
VIN = VIH
IOL = 6 mA
1.65
0.3
V
Input leakage current
IIN
VIN = 0 to 3.6 V
1.65~2.3
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
1.65~2.3
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.65~2.3
±20.0
μA
DC Characteristics (Ta = −40 to 85°C, 1.4 V <= VCC< 1.65 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VP
1.4
1.2
V
Input voltage
L-level
VN
1.4
0.2
V
Hysteresis voltage
VH
1.4
0.2
0.9
V
IOH = −100 μA
1.4~1.65
VCC
− 0.2
H-level
VOH
VIN = VIL
IOH = −2 mA
1.4
1.05
V
IOL = 100 μA
1.4~1.65
0.05
Output voltage
L-level
VOL
VIN = VIH
IOL = 2 mA
1.4
0.35
V
Input leakage current
IIN
VIN = 0 to 3.6 V
1.4~1.65
±5.0
μA
Power-off leakage current
IOFF
VIN, VOUT = 0 to 3.6 V
0
10.0
μA
VIN = VCC or GND
1.4~1.65
20.0
Quiescent supply current
ICC
VCC <= VIN <= 3.6 V
1.4~1.65
±20.0
μA


Número de pieza similar - TC74VCX14FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX14FK

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX04FT TOSHIBA-TC74VCX04FT_07 Datasheet
245Kb / 10P
   Low-Voltage Hex Inverter with 3.6-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_12 Datasheet
218Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F_07 Datasheet
272Kb / 10P
   Low-Voltage Hex Schmitt Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX14F TOSHIBA-TC74LCX14F Datasheet
261Kb / 8P
   LOW VOLTAGE HEX SCHMITT INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX14FT TOSHIBA-TC74VCX14FT Datasheet
278Kb / 7P
   LOW-VOLTAGE HEX SCHMITT INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74LCX04F TOSHIBA-TC74LCX04F_07 Datasheet
270Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74LCX04F TOSHIBA-TC74LCX04F_12 Datasheet
215Kb / 10P
   Low-Voltage Hex Inverter with 5-V Tolerant Inputs and Outputs
TC74VCX04FT TOSHIBA-TC74VCX04FT Datasheet
333Kb / 8P
   LOW-VOLTAGE HEX INVERTER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
MC74LCX14 ONSEMI-MC74LCX14 Datasheet
90Kb / 8P
   Low Voltage CMOS Hex Schmitt Inverter With 5 V-Tolerant Inputs
May, 2005 ??Rev. 5
logo
Toshiba Semiconductor
TC74LCX04F TOSHIBA-TC74LCX04F Datasheet
252Kb / 8P
   LOW VOLTAGE HEX INVERTER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com