Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCX16600FT Datasheet(PDF) 9 Page - Toshiba Semiconductor

No. de pieza TC74VCX16600FT
Descripción Electrónicos  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16600FT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX16600FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX16600FT_07 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC74VCX16600FT
2007-10-19
9
AC Characteristics (Ta = −40 to 85°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω) (Note 1)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
1.8
100
2.5
± 0.2
200
Maximum clock frequency
fmax
Figure 1, Figure 3
3.3
± 0.3
250
MHz
1.8
1.5
7.8
2.5
± 0.2
0.8
3.7
Propagation delay time
(An, Bn-Bn, An)
tpLH
tpHL
Figure 1, Figure 2
3.3
± 0.3
0.6
2.9
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
5.0
Propagation delay time
(
CKAB , CKBA -Bn, An)
tpLH
tpHL
Figure 1, Figure 3
3.3
± 0.3
0.6
3.5
ns
1.8
1.5
8.8
2.5
± 0.2
0.8
4.4
Propagation delay time
(LEAB, LEBA-Bn, An)
tpLH
tpHL
Figure 1, Figure 4
3.3
± 0.3
0.6
3.5
ns
1.8
1.5
9.8
2.5
± 0.2
0.8
4.9
Output enable time
(
OEAB , OEBA -Bn, An)
tpZL
tpZH
Figure 1, Figure 6
3.3
± 0.3
0.6
3.8
ns
1.8
1.5
7.6
2.5
± 0.2
0.8
4.2
Output disable time
( OEAB , OEBA -Bn, An)
tpLZ
tpHZ
Figure 1, Figure 6
3.3
± 0.3
0.6
3.7
ns
1.8
4.0
2.5
± 0.2
1.5
Minimum pulse width
tW (H)
tW (L)
Figure 1, Figure 3, Figure 4
3.3
± 0.3
1.5
ns
1.8
2.5
2.5
± 0.2
1.5
Minimum set-up time
ts
Figure 1, Figure 3, Figure 4, Figure 5
3.3
± 0.3
1.5
ns
1.8
2.0
2.5
± 0.2
1.5
Minimum hold time
th
Figure 1, Figure 3, Figure 4, Figure 5
3.3
± 0.3
1.0
ns
1.8
0.5
2.5
± 0.2
0.5
Output to output skew
tosLH
tosHL
(Note 2)
3.3
± 0.3
0.5
ns
Note 1: For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
Note 2: Parameter guaranteed by design.
(tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|)


Número de pieza similar - TC74VCX16600FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX16600FT TOSHIBA-TC74VCX16600FT Datasheet
422Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCX16600FT_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com