Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74VCXH16543FT Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
TC74VCXH16543FT Datasheet(HTML) 8 Page - Toshiba Semiconductor |
8 / 15 page TC74VCXH16543FT 2007-10-19 8 DC Characteristics (Ta = −40 to 85°C, 2.3 V <= VCC <= 2.7 V) Characteristics Symbol Test Condition VCC (V) Min Max Unit H-level VIH ⎯ 2.3 to 2.7 1.6 ⎯ Input voltage L-level VIL ⎯ 2.3 to 2.7 ⎯ 0.7 V IOH = −100 μA 2.3 to 2.7 VCC − 0.2 ⎯ IOH = −6 mA 2.3 2.0 ⎯ IOH = −12 mA 2.3 1.8 ⎯ H-level VOH VIN = VIH or VIL IOH = −18 mA 2.3 1.7 ⎯ IOL = 100 μA 2.3 to 2.7 ⎯ 0.2 IOL = 12 mA 2.3 ⎯ 0.4 Output voltage L-level VOL VIN = VIH or VIL IOL = 18 mA 2.3 ⎯ 0.6 V Input leakage current ( OEAB , OEBA , LEAB , LEBA , CEAB , CEBA ) IIN VIN = 0 to 3.6 V 2.3 to 2.7 ⎯ ±5.0 μA VIN = 0.7 V 2.3 45 ⎯ Bushold input minimum drive hold current II (HOLD) VIN = 1.6 V 2.3 −45 ⎯ μA (Note 1) 2.7 ⎯ 300 Bushold input over-drive current to change state II (OD) (Note 2) 2.7 ⎯ −300 μA 3-state output OFF state current IOZ VIN = VIH or VIL VOUT = VCC or GND 2.3 to 2.7 ⎯ ±10.0 μA Quiescent supply current ICC VIN = VCC or GND 2.3 to 2.7 ⎯ 20.0 μA Note 1: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 2: An external driver must sink at least the specified current to switch from HIGH-to-LOW. |
Número de pieza similar - TC74VCXH16543FT |
|
Descripción similar - TC74VCXH16543FT |