Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCXHR162652FT Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TC74VCXHR162652FT
Descripción Electrónicos  Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXHR162652FT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VCXHR162652FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXHR162652FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TC74VCXHR162652FT
2007-10-19
3
Truth Table
Control Inputs
Bus
OEAB
OEBA
CAB
CBA
SAB
SBA
A
B
Function
Input
Input
X*
X*
X
X
Z
Z
The output functions of A and B Busses are
disabled.
L
H
X
X
X
X
Both A and B Busses are used as inputs to
the internal flip-flops. Data on the Bus will be
stored on the rising edge of the Clock.
Input
Output
L
L
X*
X*
L
X
H
H
The data on the A bus are displayed on the
B bus.
L
L
X*
L
X
H
H
The data on the A bus are displayed on the
B Bus, and are stored into the A storage
flip-flops on the rising edge of CAB.
X*
X*
H
X
X
Qn
The data in the A storage flop-flops are
displayed on the B Bus.
L
L
H
H
X*
H
X
H
H
The data on the A Bus are stored into the A
storage flip-flops on the rising edge of CAB,
and the stored data propagate directly onto
the B Bus.
Output
Input
L
L
X*
X*
X
L
H
H
The data on the B Bus are displayed on the
A bus.
L
L
X*
X
L
H
H
The data on the B Bus are displayed on the
A Bus, and are stored into the B storage
flip-flops on the rising edge of CBA.
X*
X*
X
H
Qn
X
The data in the B storage flip-flops are
displayed on the A Bus.
L
L
L
L
X*
X
H
H
H
The data on the B Bus are stored into the B
storage flip-flops on the rising edge of CBA,
and the stored data propagate directly onto
the A Bus.
Output
Output
H
L
X*
X*
H
H
Qn
Qn
The data in the A storage flop-flops are
displayed on the B Bus, and the data in the
B storage flop-flops are displayed on the A.
X: Don’t care
Z: High impedance
Qn: The data stored into the internal flip-flops by most recent low to high transition of the clock inputs.
*: The clocks are not internally gated with either OEAB or OEBA .
Therefore, data on the A and/or B busses may be clocked into the storage flip-flops at any time.


Número de pieza similar - TC74VCXHR162652FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162543FT TOSHIBA-TC74VCXHR162543FT Datasheet
233Kb / 15P
   Low-Voltage 16-Bit Registered Transceiver with Bushold
More results

Descripción similar - TC74VCXHR162652FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com