Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC74VCXR162543FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC74VCXR162543FT
Descripción Electrónicos  Low-Voltage 16-Bit Registered Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162543FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXR162543FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162543FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74VCXR162543FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXR162543FT
Low-Voltage 16-Bit Registered Transceiver with 3.6-V Tolerant Inputs and Outputs
The TC74VCXR162543FT is a high-performance CMOS 16-bit
registered transceiver. Designed for use in 1.8-V, 2.5-Vor 3.3-V
systems, it achieves high-speed operation while maintaining the
CMOS low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
The TC74VCXR162543FT can be used as two 8-bit transceivers
or one 16-bit transceiver. Separate latch-enable (LEAB or (LEBA)
and output-enable (OEAB or OEBA) inputs are provided for each
register to permit independent control in either direction of data
flow.
The A-to-B enable (CEAB) input must be low in order to enter
data from A or to output data from B. If CEAB is low and LEAB is low, the A-to-B latches are transparent; a
subsequent low-to-high transition of LEAB puts the Alatches in the storage mode. With CEAB and OEAB both low,
the 3-state B outputs are active and reflect the data present at the output of the A latches.
Data flow from B to A is similar but requires using the CEBA, LEBA, and OEBA inputs.
When the OE input is high, the outputs are in a high-impedance state. This device is designed to be used with
3-state memory address drivers, etc.
The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features (Note)
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 4.4 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 5.4 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 9.8 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• Bidirectional interface between 2.5 V and 3.3 V signals.
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Note:
Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input level fixed by means of pull-up or pull-down
resistors.
Weight: 0.25 g (typ.)


Número de pieza similar - TC74VCXR162543FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Descripción similar - TC74VCXR162543FT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74VCX16543FT TOSHIBA-TC74VCX16543FT_07 Datasheet
227Kb / 13P
   Low-Voltage 16-Bit Registered Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162245FT TOSHIBA-TC74VCXR162245FT_07 Datasheet
214Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16245FT TOSHIBA-TC74VCX16245FT_07 Datasheet
194Kb / 10P
   Low-Voltage 16-Bit Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162543FT TOSHIBA-TC74VCXR162543FT Datasheet
422Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX16543 FAIRCHILD-74LCX16543 Datasheet
94Kb / 9P
   Low Voltage 16-Bit Registered Transceiver with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16646FT TOSHIBA-TC74VCX16646FT_07 Datasheet
243Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162646FT TOSHIBA-TC74VCXR162646FT_07 Datasheet
250Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCX16543FT TOSHIBA-TC74VCX16543FT Datasheet
416Kb / 11P
   LOW VOLTAGE 16-BIT REGISTERED TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC74VCX16652FT TOSHIBA-TC74VCX16652FT_07 Datasheet
242Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162652FT TOSHIBA-TC74VCXR162652FT_07 Datasheet
249Kb / 14P
   Low-Voltage 16-Bit Bus Transceiver/Register with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13