Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC74VHCT86AF Datasheet(PDF) 2 Page - Toshiba Semiconductor |
|
TC74VHCT86AF Datasheet(HTML) 2 Page - Toshiba Semiconductor |
2 / 8 page TC74VHCT86AF/AFN/AFT 2007-10-01 2 Pin Assignment IEC Logic Symbol Truth Table A B Y L L L L H H H L H H H L Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V −0.5 to 7.0 (Note 2) DC output voltage VOUT −0.5 to VCC + 0.5 (Note 3) V Input diode current IIK −20 mA Output diode current IOK ±20 (Note 4) mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±50 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: VCC = 0 V Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC (4) (9) (5) 2A =1 3A 2B (12) (10) (13) 4A 3B (6) (8) (11) 2Y 3Y 4Y 4B (1) (2) 1A 1B (3) 1Y VCC 9 4B 4A 4Y 8 14 13 12 11 10 1A 1 2 3 4 5 6 7 2A 2B 2Y GND 3B 3A 3Y (top view) 1B 1Y |
Número de pieza similar - TC74VHCT86AF |
|
Descripción similar - TC74VHCT86AF |