Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC75S58F Datasheet(PDF) 1 Page - Toshiba Semiconductor |
|
TC75S58F Datasheet(HTML) 1 Page - Toshiba Semiconductor |
1 / 9 page TC75S58F/FU/FE 2007-11-01 1 TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic TC75S58F,TC75S58FU,TC75S58FE Single Comparator The TC75S58F/TC75S58FU/TC75S58FE is a CMOS general- purpose single comparator. The device can operate off a single power supply and draws a lower supply current than a conventional bipolar general-purpose comparator. This device’s open-drain output stage can be wire-ORed with those of other open-drain output circuits. Features • Low-current power supply : IDD = 10 μA (typ.) • Single power supply operation • Wide common mode input voltage range : VSS~VDD − 0.9 V • Open drain output circuit • Low input bias current • Small package Marking (top view) Pin Connection (top view) TC75S58F TC75S58FU TC75S58FE Weight SSOP5-P-0.95 : 0.014 g (typ.) SSOP5-P-0.65A : 0.006 g (typ.) SON5-P-0.50 : 0.003 g (typ.) T E 4 5 3 1 2 VDD 5 IN ( +) 4 1 3 VSS 2 OUT IN ( −) |
Número de pieza similar - TC75S58F_07 |
|
Descripción similar - TC75S58F_07 |