Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8841FEHAZ Datasheet(PDF) 10 Page - Analog Microelectronics |
|
AME8841FEHAZ Datasheet(HTML) 10 Page - Analog Microelectronics |
10 / 14 page AME, Inc. 10 600mA CMOS LDO AME8841 Short Circuit Response Overtemperature Shutdown Current Limit Response Chip Enable Transient Response Line Transient Response Quiescent Current vs. Temp. Temperature ( oC) 26 28 30 32 34 36 38 40 -20 0 20 40 60 80 C LOAD=2.2µF I LOAD =1mA V OUTDC=3.3V V INDC=4.5V TIME (200mS/DIV) TIME (2mS/DIV) C LOAD=2.2µF C IN=1µF R LOAD <100mΩ TIME (2mS/DIV) C LOAD =2.2µ F C IN=1.0 µF R LOAD=3.3Ω V OUTNOM =3.3V TIME (0.5Sec/DIV) 0 0 R LOAD=6.6 Ω 0 0 TIME (1mS/DIV) C L=2µF R L=10Ω |
Número de pieza similar - AME8841FEHAZ |
|
Descripción similar - AME8841FEHAZ |