Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8841XEHAZ Datasheet(PDF) 6 Page - Analog Microelectronics

No. de pieza AME8841XEHAZ
Descripción Electrónicos  600mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8841XEHAZ Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8841XEHAZ Datasheet HTML 2Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 3Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 4Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 5Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 6Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 7Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 8Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 9Page - Analog Microelectronics AME8841XEHAZ Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AME, Inc.
6
600mA CMOS LDO
AME8841
Parameter
Symbol
Rating
Unit
Ambient Temperature Range
TA
- 40 to +85
oC
Junction Temperature Range
TJ
- 40 to +125
oC
n Absolute Maximum Ratings
n Recommended Operating Conditions
n Thermal Information
Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device.
* HBM B:2000V~3999V
Parameter
Maximum
Unit
Input Voltage
8
V
Output Current
PD / (VIN - VO)
A
Input, Output Voltage
GND - 0.3 to VIN + 0.3
V
ESD Classification
B*
* MIL-STD-202G 210F
Parameter
Maximum
Unit
Maximum Junction Temperature
150
o C
Solder Iron(10 Sec)*
350
o C


Número de pieza similar - AME8841XEHAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8841 AME-AME8841 Datasheet
79Kb / 10P
   600mA CMOS LDO
AME8841AEHA AME-AME8841AEHA Datasheet
79Kb / 10P
   600mA CMOS LDO
AME8841AEHAZ AME-AME8841AEHAZ Datasheet
201Kb / 14P
   600mA CMOS LDO
AME8841BEHA AME-AME8841BEHA Datasheet
79Kb / 10P
   600mA CMOS LDO
AME8841BEHAZ AME-AME8841BEHAZ Datasheet
201Kb / 14P
   600mA CMOS LDO
More results

Descripción similar - AME8841XEHAZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com