Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AME8842YEHAZ Datasheet(PDF) 11 Page - Analog Microelectronics |
|
AME8842YEHAZ Datasheet(HTML) 11 Page - Analog Microelectronics |
11 / 18 page AME, Inc. 11 AME8806 / 8809 / 8842 600mA CMOS LDO n Absolute Maximum Ratings n Recommended Operating Conditions n Thermal Information Caution: Stress above the listed absolute maximum rating may cause permanent damage to the device. *HBM B: 2000V~3999V Parameter Maximum Unit Input Voltage 8 V Output Current PD / (VIN - VO) A Input, Output Voltage GND - 0.3 to VIN + 0.3 V ESD Classification B* Parameter Symbol Rating Unit Ambient Temperature Range TA - 40 to + 85 oC Junction Temperature Range TJ - 40 to + 125 oC Parameter Package Die Attach Symbol Maximum Unit Conductive Epoxy 60 Non-Conductive Epoxy N/A Conductive Epoxy 150 Non-Conductive Epoxy N/A Conductive Epoxy 810 Non-Conductive Epoxy N/A 150 oC 350 oC Maximum Junction Temperature Solder Iron(10 Sec)** Internal Power Dissipation SO-8 PD mW Thermal Resistance (Junction to Ambient) SO-8 θ JC oC / W Thermal Resistance (Junction to Case) *SO-8 θ JA oC / W * Measure θ JC on center of molding compound if IC has no tab. ** MIL-STD-202G 210F |
Número de pieza similar - AME8842YEHAZ |
|
Descripción similar - AME8842YEHAZ |