Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC9349AFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TC9349AFG
Descripción Electrónicos  Single-Chip DTS Microcontroller (DTS-21)
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9349AFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC9349AFG Datasheet HTML 1Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 2Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 3Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 4Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 5Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 6Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 7Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 8Page - Toshiba Semiconductor TC9349AFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 129 page
background image
TC9349AFG
2006-02-24
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC9349AFG
Single-Chip DTS Microcontroller (DTS-21)
The TC9349AFG is a single-chip DTS microcontroller for portable audio
incorporating a 30 MHz prescaler, PLL, and LCD driver. In addition to an
IF counter, serial interface and buzzer function, the device incorporates an
interrupt function, timer counter, pulse counter, electronic volume function
and A/D converter
The device also supports selection of 1/4-duty 1/2 bias or 1/4-duty 1/3
bias for the LCD driver, while a built-in 3 V voltage doubler boosting
circuit implements stable operation of the LCD monitor.
The power supply voltage ranges from 0.9 V to 1.8 V. Due to its
low-current consumption, the device is suitable for use in digital tuning
systems in portable equipment such as headphone stereos.
Features
• CMOS DTS microcontroller LSI with built-in prescaler PLL and LCD driver
• Operating voltage range:
VDD
= 0.9 to 1.8 V (typ.: 1.5 V)
• Current dissipation:
With CPU in operation: IDD
= 150 µA (typ.)
With PLL in operation: IDD
= 1 mA (typ. At inputting OSCin = 30 MHz)
• Operating temperature range:
Ta
= −10 to 60°C
• Program memory (ROM):
16-bit
× 8192 steps
• Data memory (RAM):
4-bit
× 512 words
• Oscillator frequency:
Crystal oscillator:
75 kHz (crystal oscillator)
High-speed oscillator: 300 to 600 kHz (ceramic oscillator or crystal oscillator)
• Instruction execution time:
Crystal oscillator: 40
µs
High-speed oscillator: 5 to 10
µs
• Interrupt:
External:
2 system (INTR1, INTR2 pin)
Internal:
4 system (serial-interface, timer-port, timer-counter, decreased voltage
detection)
• Interrupt stack:
4 level
× 26 bit G-register, Data select, Carry flag, Data register
• Address stack:
16 level
× 13 bit (program counter)
• I/O port:
CMOS I/O port: 36 (max)
N-ch open-drain I/O port: 9 (max)
Exclusive output port: 2 (max), exclusive input port: 1 (max)
• LCD driver:
1/4 duty, 1/2 bias or 1/4 duty, 1/3 bias: 72 segments (max)
• Serial Interface:
1 system, 2 channel (N-ch open-drain, CMOS I/O port), 3 kinds (3-wired, 2-wired,
UART)
• Buzzer:
4 kinds of frequency (1 kHz, 1.56 kHz, 2.08 kHz, 3 kHz),
4 modes (continuous, single-shot, 10 Hz intermittent, 10 Hz intermittent 1 Hz interval)
• Timer counter:
8 bit, 2 kinds of timer clock (25 kHz, 1 kHz),
2 modes (timer counter, pulse width measure (INTR1 pin))
• Pulse counter:
8 bit up/down counter
• Electronic volume:
2 channel, 32 step (0 dB to
−78 dB, −∞dB)
• A/D converter:
6 bit, 4 channel, conversion time: 240
µs
• Amplifier for LPF:
5.5 V output max. (Tout, Tin)
• DC/DC converter of VT:
2 stage (0.75 V, 1.0 V) voltage detected (VDET)
15 kinds of doubler clock, 2 types of doubler clock output
(CMOS output: DDCK2, N-ch output: DDCK1)
Weight: 0.32 g (typ.)


Número de pieza similar - TC9349AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9301AN TOSHIBA-TC9301AN Datasheet
4Mb / 61P
   TC9301AN
TC9302AF TOSHIBA-TC9302AF Datasheet
3Mb / 42P
   DTS MICRO CONTROLLER CONTAINING LCD DRIVER
TC9304F TOSHIBA-TC9304F Datasheet
563Kb / 13P
   SINGLE CHIP DTS MICRO CONTROLLER WITH BUILT-IN PRESCALER.PLL.LCD DRIVER
TC9304F-011 TOSHIBA-TC9304F-011 Datasheet
200Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
TC9304F-027 TOSHIBA-TC9304F-027 Datasheet
129Kb / 3P
   SINGLE CHIP DTS MICRO CONTROLLER
More results

Descripción similar - TC9349AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9327BFG TOSHIBA-TC9327BFG Datasheet
1Mb / 71P
   DTS Microcontroller (DTS-21)
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
   Single-Chip DTS Microcontroller (DTS-20)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com