Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TCA62746AFG Datasheet(PDF) 6 Page - Toshiba Semiconductor

No. de pieza TCA62746AFG
Descripción Electrónicos  16-Output Constant Current LED Driver with Output Open/Short Detection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCA62746AFG Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCA62746AFG Datasheet HTML 2Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 3Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 4Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 5Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 6Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 7Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 8Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 9Page - Toshiba Semiconductor TCA62746AFG Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
TCA62746AFG/AFNG
2007-05-22
6
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating *1
Unit
Pow e r
supply
volt age
VDD
0.4 to 6.0
V
Output
current
IO
55
mA
Logic
i n p u t
vol t a g e
VIN
0.3 to VDD + 0.3 *2
V
Output
volt age
VO
0.3 to 17
V
Ope r atin g temper atu r e
Topr
40 to 85
°C
S t orage
te mperat ure
Tstg
55 to 150
°C
T h er mal
resist ance
Rth(j-a)
94(AFG type When mounted PCB)/120(AFNG type When mounted PCB) *3
°C/W
Pow e r
dissip at ion
PD
1.32(AFG type When mounted PCB)/1.04(AFNG type When mounted PCB) *3,4
W
Note1: Voltage is ground referenced.
Note2: However, do not exceed 6V.
Note3: PCB condition 76.2 x 114.3 x 1.6 mm, Cu 30% (SEMI conforming)
Note4: The power dissipation decreases the reciprocal of the saturated thermal resistance (1/ Rth(j-a)) for each
degree (1°C) that the ambient temperature is exceeded (Ta = 25°C).
Recommended Operating Conditions
DC Items (Unless otherwise specified, Ta = −40°C to 85°C)
Characteristics
Symbol
Test Conditions
Min
Typ.
Max
Unit
Pow e r
supply
volt age
VDD
4.5
5.5
V
Output voltag e w h en OFF
VO (OFF)
OUTn
16
V
Ou tp ut vo lt ag e w hen O N
VO (ON)
OUTn
0.7
4
V
High level logic input voltage
VIH
2.0
VDD
V
Low level logic input voltage
VIL
GND
0.8
V
High level SOUT output current
IOH
VDD = 5 V
1
mA
Low level SOUT output current
IOL
VDD = 5 V
1
mA
Const ant cu rrent out put
IO
OUTn
2
50
mA
AC Items (Unless otherwise specified, VDD = 4.5 to 5.5 V, Ta = −40°C to 85°C)
Characteristics
Symbol
Test Circuits
Test Conditions
Min
Typ.
Max
Unit
Serial data transfer frequency
fSCK
7
25
MHz
Clock
pulse
w i d t h
twSCK
7
SCK
= “H” or “L”
20
ns
Lat ch
p u l se
w i d t h
twSLAT
7
SLAT = “H”
20
ns
twOE1
7
OE = “H” or “L” ,REXT = 500
100
ns
E n ab le
pulse
w i d t h
twOE2
When error is detected *1
2
µs
tHOLD1
7
5
ns
tHOLD2
7
5
ns
tHOLD3
7
10
ns
Hol
d
ti
me
tHOLD4
7
10
ns
tSETUP1
7
5
ns
tSETUP2
7
5
ns
tSETUP3
7
10
ns
Set
u
p
tim
e
tSETUP4
7
10
ns
Maximum clo ck rise time
tr
7
*2
500
ns
Maximum clo ck fall time
tf
7
*2
500
ns
Note1: Please refer to page 16 for details of the error detection.
Note2: If the device is connected in a cascade and the tr/tf of the clock waveform increases due to deceleration of the clock waveform,
it may not be possible to achieve the timing required for data transfer. Please keep these timing conditions in mind when
designing your application.


Número de pieza similar - TCA62746AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG TOSHIBA-TCA62746AFG Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results

Descripción similar - TCA62746AFG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com