Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62004AP Datasheet(PDF) 3 Page - Toshiba Semiconductor

No. de pieza TD62004AP
Descripción Electrónicos  7-channel Darlington Sink Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62004AP Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TD62004AP Datasheet HTML 1Page - Toshiba Semiconductor TD62004AP Datasheet HTML 2Page - Toshiba Semiconductor TD62004AP Datasheet HTML 3Page - Toshiba Semiconductor TD62004AP Datasheet HTML 4Page - Toshiba Semiconductor TD62004AP Datasheet HTML 5Page - Toshiba Semiconductor TD62004AP Datasheet HTML 6Page - Toshiba Semiconductor TD62004AP Datasheet HTML 7Page - Toshiba Semiconductor TD62004AP Datasheet HTML 8Page - Toshiba Semiconductor TD62004AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TD62001~004AP/AF
2006-06-13
3
Recommended Operating Conditions (Ta = −40°C to 85°C)
Characteristics
Symbol
Condition
Min
Typ.
Max
Unit
Output sustaining voltage
VCE (SUS)
0
50
V
Duty = 10%
0
370
AP
Duty = 50%
0
130
Duty = 10%
0
233
Output current
AF
IOUT
Tpw = 25 ms
7 circuits
Ta = 85°C
Tj = 120°C
Duty = 50%
0
70
mA/ch
Input voltage
Except
TD62001AP/A
F
VIN
0
24
V
TD62002
14.5
24
TD62003
2.8
24
Input voltage (output on)
TD62004
VIN (ON)
IOUT = 400 mA
hFE = 800
6.2
24
V
TD62001
0
0.6
TD62002
0
7.4
TD62003
0
0.7
Input voltage (output off)
TD62004
VIN (OFF)
0
1.0
V
Input current
Only TD62001
IIN
0
10
mA
Clamp diode reverse voltage
VR
50
V
Clamp diode forward current
IF
350
mA
AP
Ta = 85°C
0.76
Power dissipation
AF
PD
Ta = 85°C
(Note)
0.325
W
Note: When mounted on a glass-epoxy PCB (30 mm
× 30 mm × 1.6 mm, Cu area: 50%)


Número de pieza similar - TD62004AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62004AP TOSHIBA-TD62004AP Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62004AP TOSHIBA-TD62004AP Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62004APA TOSHIBA-TD62004APA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62004APA TOSHIBA-TD62004APA Datasheet
334Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62004APA TOSHIBA-TD62004APA Datasheet
278Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results

Descripción similar - TD62004AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62001APG TOSHIBA-TD62001APG_06 Datasheet
507Kb / 15P
   7-channel Darlington Sink Driver
TD62003APG TOSHIBA-TD62003APG Datasheet
577Kb / 13P
   7-channel Darlington Sink Driver
2009-10-01
ULQ2003AP TOSHIBA-ULQ2003AP Datasheet
237Kb / 11P
   7-ch Darlington Sink Driver
logo
Cystech Electonics Corp...
CH-D3715PA CYSTEKEC-CH-D3715PA Datasheet
172Kb / 6P
   7-CH Darlington Sink Driver
logo
Toshiba Semiconductor
ULN2003APG TOSHIBA-ULN2003APG Datasheet
374Kb / 13P
   7-ch Darlington Sink Driver
logo
NTE Electronics
NTE2011 NTE-NTE2011 Datasheet
23Kb / 3P
   Integrated Circuit 7-Channel Darlington Array/Driver
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com