Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62308APG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TD62308APG
Descripción Electrónicos  4ch Low Input Active High-Current Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62308APG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62308APG Datasheet HTML 1Page - Toshiba Semiconductor TD62308APG Datasheet HTML 2Page - Toshiba Semiconductor TD62308APG Datasheet HTML 3Page - Toshiba Semiconductor TD62308APG Datasheet HTML 4Page - Toshiba Semiconductor TD62308APG Datasheet HTML 5Page - Toshiba Semiconductor TD62308APG Datasheet HTML 6Page - Toshiba Semiconductor TD62308APG Datasheet HTML 7Page - Toshiba Semiconductor TD62308APG Datasheet HTML 8Page - Toshiba Semiconductor TD62308APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TD62308APG/AFG
2006-06-13
1
TOSHIBA Bipolar Digital Integrated Circuit
Silicon Monolithic
TD62308APG,TD62308AFG
4ch Low Input Active High-Current Darlington Sink Driver
The TD62308APG/AFG is a non−inverting transistor array
which is comprised of four NPN darlington output stages and
PNP input stages.
This device is low−level input active driver and is suitable for
operation with 5-V TTL, 5-V CMOS and 5-V Microprocessor
which have sink current output drivers.
Application include relay, hammer, lamp and stepping motor
drivers.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
• Output current (single output): 1.5 A (max)
• High sustaining voltage output:
50 V (min)
• Output clamp diodes
• Input compatible with TTL and 5 V CMOS
• Low level active inputs
• Standard supply voltage
• Two VCC terminals VCC1, VCC2 (separated)
• GND and SUB terminal = Heat sink
• Package type-APG: DIP-16 pin
• Package type-AFG: HSOP-16 pin
Pin Assignment (top view)
TD62308APG
TD62308AFG
TD62308APG
TD62308AFG
Weight
DIP16-P-300-2.54A: 1.11 g (typ.)
HSOP16-P-300-1.00: 0.50 g (typ.)
COM
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
O4
I4
Heat sink
& GND
I3
O3
COM
VCC1
O1
I1
Heat sink
& GND
I2
O2
VCC2
COM
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
O4
I4
I3
O3
COM
VCC1
O1
I1
I2
O2
VCC2
Heat sink
& GND
Heat sink
& GND
NC
NC
NC
NC


Número de pieza similar - TD62308APG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results

Descripción similar - TD62308APG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62308AP TOSHIBA-TD62308AP Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62318AP TOSHIBA-TD62318AP Datasheet
294Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP-1 TOSHIBA-TD62308BP-1 Datasheet
297Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
TD62308BP1G TOSHIBA-TD62308BP1G Datasheet
405Kb / 11P
   4CH LOW INPUT ACTIVE HIGE−CURRENT DARLINGTON SINK DRIVER
TD62318BP TOSHIBA-TD62318BP Datasheet
292Kb / 8P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLNGTON SINK DRIVER
TD62164AP TOSHIBA-TD62164AP Datasheet
282Kb / 7P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62064BP1G TOSHIBA-TD62064BP1G Datasheet
237Kb / 11P
   4ch High-Current Darlington Sink Driver
TD62064BP-1 TOSHIBA-TD62064BP-1 Datasheet
300Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
TD62164BP TOSHIBA-TD62164BP Datasheet
287Kb / 8P
   4CH HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com