Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62782AP Datasheet(PDF) 2 Page - Toshiba Semiconductor

No. de pieza TD62782AP
Descripción Electrónicos  8CH HIGH−VOLTAGE SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62782AP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TD62782AP Datasheet HTML 1Page - Toshiba Semiconductor TD62782AP Datasheet HTML 2Page - Toshiba Semiconductor TD62782AP Datasheet HTML 3Page - Toshiba Semiconductor TD62782AP Datasheet HTML 4Page - Toshiba Semiconductor TD62782AP Datasheet HTML 5Page - Toshiba Semiconductor TD62782AP Datasheet HTML 6Page - Toshiba Semiconductor TD62782AP Datasheet HTML 7Page - Toshiba Semiconductor TD62782AP Datasheet HTML 8Page - Toshiba Semiconductor TD62782AP Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TD62781,782AP/AF
2006-06-13
2
ABSOLUTE MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
60
V
Output Voltage
VOUT
VCC
V
Output Current
IOUT
−50
mA / ch
Input Voltage
VIN
20
V
AP
1.47
Power Dissipation
AF
PD (Note)
0.96
W
Operating Temperature
Topr
−40~85
°C
Storage Temperature
Tstg
−55~150
°C
Note:
Delated above 25°C in the proportion 11.7 mW / °C (AP Type), 7.7 mW / °C ( AF Type).
RECOMMENDED OPERATING CONDITIONS (Ta = −40~85°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN
TYP.
MAX
UNIT
TD62781AP, TD62781AF
4.5
55
Supply
Voltage
TD62782AP, TD62782AF
VCC
6.0
55
V
Output Voltage
VOUT
0
VCC
V
Output Current
IOUT
0
−40
mA /
ch
TD62781
0
7
Input
Voltage
TD62782
VIN
0
15
V
AP
0.52
Power Dissipation
AF
PD
0.35
W


Número de pieza similar - TD62782AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62782AP TOSHIBA-TD62782AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results

Descripción similar - TD62782AP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
62784 UTC-62784 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783APG TOSHIBA-TD62783APG_06 Datasheet
270Kb / 11P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783 Datasheet
173Kb / 5P
   8CH HIGH−VOLTAGE SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AFNG TOSHIBA-TD62783AFNG Datasheet
331Kb / 10P
   8CH HIGH−VOLTAGE HIGH SOURCE−CURRENT DRIVER
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783 TOSHIBA-TD62783 Datasheet
272Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783784AP TOSHIBA-TD62783784AP Datasheet
206Kb / 9P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62783APA TOSHIBA-TD62783APA Datasheet
203Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com