Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TD62785FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

No. de pieza TD62785FG
Descripción Electrónicos  8CH SOURCE DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62785FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62785FG Datasheet HTML 1Page - Toshiba Semiconductor TD62785FG Datasheet HTML 2Page - Toshiba Semiconductor TD62785FG Datasheet HTML 3Page - Toshiba Semiconductor TD62785FG Datasheet HTML 4Page - Toshiba Semiconductor TD62785FG Datasheet HTML 5Page - Toshiba Semiconductor TD62785FG Datasheet HTML 6Page - Toshiba Semiconductor TD62785FG Datasheet HTML 7Page - Toshiba Semiconductor TD62785FG Datasheet HTML 8Page - Toshiba Semiconductor TD62785FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TD62785PG/FG
2006-06-14
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62785PG,TD62785FG
8CH SOURCE DRIVER
The TD62785PG, TD62785FG are eight Channel Non−Inverting
Source current transistor Array.
All units feature input pull−up resistors and output pull−down
resistors. These device are specifically designed for multiplexed
digit driving of eight digit common−anode LED and also can be
employed as a source drivers for multiplexed LED displays using
with the TD62381PG, TD62381FG at standard supply voltage, 5
V.
Applications include relay, hammer and lamp drivers.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
Low saturation voltage
VCE (sat) = 1.35 V MAX.
@IOUT = −500 mA
Output current (single output) IOUT = −500 mA MIN.
Input pull−up resistor
RIN = 5.6 kΩ Typ.
Output pull−down resistor
RIN = 15 kΩ Typ.
Low level active inputs
Package Type−PG :
DIP−18 pin
Package Type−FG :
SOP−18 pin
Pin Connection (top view)
Schematics (each driver)
Note:
The input and output parasitic diodes cannot
be used as clamp diodes.
Weight
DIP18-P-300-2.54D: 1.47 g (typ.)
SOP18-P-375-1.27 : 0.41 g (typ.)
TD62785PG
TD62785FG


Número de pieza similar - TD62785FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62785F TOSHIBA-TD62785F Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
More results

Descripción similar - TD62785FG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TD62785P TOSHIBA-TD62785P Datasheet
216Kb / 6P
   8CH SOURCE DRIVER
logo
IK Semicon Co., Ltd
IK62783 IKSEMICON-IK62783 Datasheet
419Kb / 10P
   8CH DARLINGTON SOURCE DRIVER
logo
Toshiba Semiconductor
TD62783AP TOSHIBA-TD62783AP Datasheet
277Kb / 8P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62708N TOSHIBA-TD62708N Datasheet
309Kb / 8P
   8CH HIGH CURRENT SOURCE DRIVER
TD62781AP TOSHIBA-TD62781AP Datasheet
228Kb / 6P
   8CH HIGH-VOLTAGE SOURCE DRIVER
TD62786AP TOSHIBA-TD62786AP Datasheet
262Kb / 7P
   8CH HIGH-VOLTAGE SOURCE DRIVER
logo
Unisonic Technologies
62783 UTC-62783_15 Datasheet
271Kb / 7P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783_12 Datasheet
222Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62783 UTC-62783_18 Datasheet
211Kb / 7P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
62784 UTC-62784_15 Datasheet
197Kb / 5P
   8CH HIGH?뭋OLTAGE SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com