Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLPYE33CP Datasheet(PDF) 5 Page - Toshiba Semiconductor

No. de pieza TLPYE33CP
Descripción Electrónicos  Panel Circuit Indicators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE33CP Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLPYE33CP Datasheet HTML 1Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 2Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 3Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 4Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 5Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 6Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 7Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TL(OE,YE,PYE,GE,FGE)33CP(F)
2007-10-01
5
Forward voltage VF (V)
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
TLPYE33CP(F)
10
1
1000
10
100
10000
3
5
30
50
100
Ta
= 25°C
20
−20
80
0
10
5
1
3
0
40
60
0.3
0.5
Forward voltage VF (V)
IV – Tc
Case temperature Tc (°C)
Wavelength
λ (nm)
Relative luminous intensity – Wavelength
Ambient temperature Ta (°C)
IF – Ta
40
0
120
60
0
40
80
20
20
60
80
100
IF – VF
IV – IF
Radiation pattern


Número de pieza similar - TLPYE33CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
314Kb / 18P
   Panel Circuit Indicator
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
258Kb / 18P
   Panel Circuit Indicators
TLPYE1008A TOSHIBA-TLPYE1008A Datasheet
645Kb / 17P
   Panel Circuit Indicator
TLPYE18TP TOSHIBA-TLPYE18TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
More results

Descripción similar - TLPYE33CP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com