Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL3280E Datasheet(PDF) 10 Page - Intersil Corporation

No. de pieza ISL3280E
Descripción Electrónicos  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3280E Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL3280E Datasheet HTML 6Page - Intersil Corporation ISL3280E Datasheet HTML 7Page - Intersil Corporation ISL3280E Datasheet HTML 8Page - Intersil Corporation ISL3280E Datasheet HTML 9Page - Intersil Corporation ISL3280E Datasheet HTML 10Page - Intersil Corporation ISL3280E Datasheet HTML 11Page - Intersil Corporation ISL3280E Datasheet HTML 12Page - Intersil Corporation ISL3280E Datasheet HTML 13Page - Intersil Corporation ISL3280E Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
FN6543.2
October 18, 2007
IEC61000-4-2 Testing
The IEC61000 test method applies to finished equipment,
rather than to an individual IC. Therefore, the pins most likely
to suffer an ESD event are those that are exposed to the
outside world (the RS-485 pins in this case), and the IC is
tested in its typical application configuration (power applied)
rather than testing each pin-to-pin combination. The lower
current limiting resistor coupled with the larger charge
storage capacitor yields a test that is much more severe than
the HBM test. The extra ESD protection built into this
device’s RS-485 pins allows the design of equipment
meeting level 4 criteria without the need for additional board
level protection on the RS-485 port.
AIR-GAP DISCHARGE TEST METHOD
For this test method, a charged probe tip moves toward the
IC pin until the voltage arcs to it. The current waveform
delivered to the IC pin depends on approach speed,
humidity, temperature, etc., so it is difficult to obtain
repeatable results. The A and B RS-485 pins withstand
±16.5kV air-gap discharges.
CONTACT DISCHARGE TEST METHOD
During the contact discharge test, the probe contacts the
tested pin before the probe tip is energized, thereby
eliminating the variables associated with the air-gap
discharge. The result is a more repeatable and predictable
test, but equipment limits prevent testing devices at voltages
higher than ±9kV. The ISL3280E, ISL3281E, ISL3282E,
ISL3283E, ISL3284E, ISL3285E survive ±9kV contact
discharges on the RS-485 pins.
Data Rate, Cables, and Terminations
RS-485, RS-422 are intended for network lengths up to
4000’, but the maximum system data rate decreases as the
transmission length increases. Networks operating at
20Mbps are limited to lengths less than 100’, while a
250kbps network that uses slew rate limited transmitters can
operate at that data rate over lengths of several thousand
feet.
Twisted pair is the cable of choice for RS-485, RS-422
networks. Twisted pair cables tend to pick up noise and
other electromagnetically induced voltages as common
mode signals, which are effectively rejected by the
differential receiver in these ICs.
To minimize reflections, proper termination is imperative for
high data rate networks. Short networks using slew rate
limited transmitters need not be terminated, but terminations
are recommended unless power dissipation is an overriding
concern.
In point-to-point, or point-to-multipoint (single driver on bus)
networks, the main cable should be terminated in its
characteristic impedance (typically 120
Ω) at the end farthest
from the driver. In multi-receiver applications, stubs
connecting receivers to the main cable should be kept as
short as possible. Multipoint (multi-driver) systems require
that the main cable be terminated in its characteristic
impedance at both ends. Stubs connecting a transmitter or
receiver to the main cable should be kept as short as
possible.
Low Power Shutdown Mode
These BiCMOS receivers all use a fraction of the power
required by their bipolar counterparts, and the versions with
output enable functions include a shutdown feature that
reduces the already low quiescent ICC to a 20µA trickle.
These versions enter shutdown whenever the receiver
disables (RE =VCC or RE = GND).
Typical Performance Curves CL = 15pF, TA = +25°C; Unless Otherwise Specified.
FIGURE 4. SUPPLY CURRENT vs TEMPERATURE
FIGURE 5. VL SUPPLY CURRENT vs ENABLE PIN VOLTAGE
TEMPERATURE (°C)
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
RE = VCC, RE = 0V
VCC = VL = 5V
VCC = VL = 3.3V
-40
10
60
-15
35
110
85
125
0
2
4
RE VOLTAGE (V)
13
5
0
50
100
150
200
250
67 7.5
VCC = 5V OR 3.3V
VL = 3.3V
VL = 5V, VCC = 5V ONLY
VL = 2.5V
VL ≤ 1.8V
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Número de pieza similar - ISL3280E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3280E INTERSIL-ISL3280E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3280E INTERSIL-ISL3280E Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Intersil Corporation
ISL3280E-84E INTERSIL-ISL3280E-84E Datasheet
496Kb / 3P
   Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
More results

Descripción similar - ISL3280E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com