Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX24171 Datasheet(PDF) 4 Page - Synaptics Incorporated.

No. de pieza CX24171
Descripción Electrónicos  Digital Broadcast High-Definition TV Decoder with PVR Support
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CONEXANT [Synaptics Incorporated.]
Página de inicio  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

CX24171 Datasheet(HTML) 4 Page - Synaptics Incorporated.

  CX24171 Datasheet HTML 1Page - Synaptics Incorporated. CX24171 Datasheet HTML 2Page - Synaptics Incorporated. CX24171 Datasheet HTML 3Page - Synaptics Incorporated. CX24171 Datasheet HTML 4Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© 2005, Conexant Systems, Inc. All Rights Reserved. Conexant and the Conexant
logo are registered trademarks of Conexant Systems, Inc. All other trademarks
are owned by their respective owners. Although Conexant strives for accuracy
in all its publications, this material may contain errors or omissions and is
subject to change without notice. ThiS maTerial iS ProviDeD aS iS aND wiThouT
aNy exPreSS or imPlieD warraNTieS, iNcluDiNg merchaNTaBiliTy, fiTNeSS for a
ParTicular PurPoSe aND NoN-iNfriNgemeNT.
Conexant shall not be liable for any
special, indirect, incidental or consequential damages as a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: (732) 345-7500
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Set-top Box Solutions
Satellite
05-1814
Order# 102488B
CX2417x Product Features
• High-performance 32-bit 295 MIPS ARM920 CPU with
Linux/Windows CE compatible MMU
• 333MHz 32-bit DDR unified memory controller
• MPEG-2 DIRECTV transport stream demultiplexing
• Three multi-standard dual stream transport processors
with DES, AES and Multi-II descrambling
• Transport stream I/O controller supports up to six
baseband TS interfaces
• MPEG-2 MP@HL video decoder
• Multi-plane video/graphics display controller
• Primary display supports HD 1080i and 720p picture output
with six-plane compositing
• Secondary display supports 720x576 picture output with
six-plane compositing
• Supports constrained HDTV image output on YPrPb
• Supports video plane re-sizing for format conversion,
picture-in-picture, or picture-in-graphics
• High-performance de-interlacing supports 480i to 480p/720p
and 1080i to 480p/720p conversions
• Multi-format audio decoder supports MPEG-1, MPEG-2,
Dolby Digital, Dolby Digital Plus, MPEG-4 AAC, and aacPlus
• Two-channel Pro Logic® encoded Dolby Digital output
via I2S
• Advanced 2D graphics rendering engine for alphablt, bitblt,
textblt, line draw, and color expansion acceleration
• HDTV and SDTV encoders with seven 10-bit video DACs
• Macrovision® 7.x copy protection
• Glueless interface to MPEG-4 (AVC/H.264) co-processor
• Advanced security features including secure boot SW
authentication, IC personalization via OTP memory, and
3DES/AES ciphering engines
• Integrated DIRECTV security
• HDMI transmitter with HDCP support
• NDS Videoguard® conditional access hardware support
• Dual USB2.0 host controllers
• NDS XTV and RASP PVR support
• Parallel and serial ATA interfaces for HDD attachment
• Three Smart Card ports
• 32-bit 33 MHz PCI controller
• CCIR656 YCrCb digital video input and output ports
• Multiple I2S, SPI, GPIO, UARTs
• SmartDAA® interface to V.92 software modem
• OpenCable CableCARDinterface
• DVB-common interface (CI) support
• 2 ultra-high frequency (UHF) remote inputs
• Infrared (IR) input/output


Número de pieza similar - CX24171

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
CX241 ETC-CX241 Datasheet
91Kb / 1P
   1.5Amp 120/240Vac AC Output Low Profile SIP
logo
Crydom Inc.,
CX241 CRYDOM-CX241 Datasheet
485Kb / 4P
   PCB Mount
CX241 CRYDOM-CX241 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CX241 CRYDOM-CX241 Datasheet
649Kb / 5P
   PCB Mount
logo
Synaptics Incorporated.
CX24108 CONEXANT-CX24108 Datasheet
249Kb / 2P
   Highly Integrated, Complete Broadband Satellite Front-End Solution
More results

Descripción similar - CX24171

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Synaptics Incorporated.
CX2416X CONEXANT-CX2416X Datasheet
827Kb / 4P
   Dual Digital Broadcast MPEG-2 Standard Definition TV Decoder with PVR Support
logo
Zoran Corporation
ZR39600 ZORAN-ZR39600 Datasheet
111Kb / 2P
   Integrated High Definition Digital TV Processors
logo
NXP Semiconductors
SAA3500H PHILIPS-SAA3500H Datasheet
156Kb / 32P
   Digital audio broadcast channel decoder
2000 Jun 14
SAA2501 PHILIPS-SAA2501 Datasheet
206Kb / 52P
   Digital Audio Broadcast DAB decoder
January 1995
logo
Synaptics Incorporated.
CX24500 CONEXANT-CX24500 Datasheet
313Kb / 4P
   HDTV MPEG-2/H.264/VC-1 Video Decoder with PVR Support
logo
NXP Semiconductors
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
logo
List of Unclassifed Man...
TL855 ETC-TL855 Datasheet
219Kb / 2P
   Professional Digital TV Decoder
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
logo
NXP Semiconductors
TDA9874H PHILIPS-TDA9874H Datasheet
254Kb / 56P
   Digital TV sound demodulator/decoder
1998 Apr 27
TDA9874A PHILIPS-TDA9874A Datasheet
231Kb / 68P
   Digital TV sound demodulator/decoder
1999 Dec 03
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com