Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TLP190B Datasheet(PDF) 4 Page - Toshiba Semiconductor

No. de pieza TLP190B
Descripción Electrónicos  Photocoupler GaA?밃s Ired & Photo−Diode Array
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP190B Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP190B_07 Datasheet HTML 1Page - Toshiba Semiconductor TLP190B_07 Datasheet HTML 2Page - Toshiba Semiconductor TLP190B_07 Datasheet HTML 3Page - Toshiba Semiconductor TLP190B_07 Datasheet HTML 4Page - Toshiba Semiconductor TLP190B_07 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TLP190B
2007-10-01
4
ISC – Ta
Ambient temperature Ta (°C)
VOC – Ta
Ambient temperature Ta (°C)
VOC – IF
Forward current
IF (mA)
10
0
1
100
tON, tOFF – CL
Load capacitance
CL (PF)
100
0.01
300
3000
IO – VO
Output voltage
VO (V)
0
ISC – IF
Forward current
IF (mA)
100
Ta = 25 °C
IF = 20 mA
40
20
0
−20
−40
−60
2
4
6
8
10
Ta = 25 °C
10mA
5mA
20mA
15mA
25mA
IF=0mA
8
6
4
2
3
5
10
30
50
Ta = 25 °C
RSH=2.4MΩ
300kΩ
510kΩ
1MΩ
RSH OPEN
1
100
3
5
10
30
50
0.1
0.3
0.5
1
3
10
30
50
Ta = 25 °C
12
0
0
120
20
40
60
80
−20
100
2
4
6
8
10
IF = 10mA
24
0
0
120
20
40
60
80
−20
100
4
8
12
16
20
IF = 10mA
0.03
0.1
0.3
1
3
10
30
10
2
10
3
10
4
300kΩ
510kΩ
1MΩ
2.4MΩ
RSH=2.4MΩ
tOFF
tON
1MΩ
510kΩ
300kΩ
IF=20mA
VOUT
CL
RSH
IF
VOUT
0V
5V
1V
tON
tOFF


Número de pieza similar - TLP190B_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP190B TOSHIBA-TLP190B Datasheet
124Kb / 5P
   TOSHIBA Photocoupler GaAAs Ired & Photo−Diode Array
More results

Descripción similar - TLP190B_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TLP109 TOSHIBA-TLP109 Datasheet
283Kb / 8P
   Photocoupler GaA?밃s Ired & Photo−IC
TLP191B TOSHIBA-TLP191B Datasheet
161Kb / 4P
   TOSHIBA Photocoupler GaA?밃s Ired & Photo-Diode Array
TLP191B TOSHIBA-TLP191B_07 Datasheet
153Kb / 4P
   GaA?밃s Ired & Photo-Diode Array
TLP251F TOSHIBA-TLP251F_07 Datasheet
153Kb / 3P
   GaA?밃s Ired & Photo−IC
TLP108 TOSHIBA-TLP108 Datasheet
271Kb / 6P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP2451 TOSHIBA-TLP2451 Datasheet
283Kb / 11P
   Photocoupler GaA?밃s IRED Photo IC
TLP2116 TOSHIBA-TLP2116 Datasheet
220Kb / 6P
   PHOTOCOUPLER GaA?밃s Ired & PHOTO-IC
TLP2095 TOSHIBA-TLP2095 Datasheet
360Kb / 11P
   PHOTOCOUPLER GaA?밃s IRED & PHOTO-IC
TLP759F TOSHIBA-TLP759F_07 Datasheet
150Kb / 2P
   GaA?밃s Ired Photo−IC
TLP168J TOSHIBA-TLP168J_07 Datasheet
159Kb / 5P
   Photocoupler GaA?밃s IRed & Photo-Triac
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com