Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6219DSTR-T Datasheet(PDF) 5 Page - Allegro MicroSystems

No. de pieza L6219DSTR-T
Descripción Electrónicos  Dual Full-Bridge PWM Motor Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

L6219DSTR-T Datasheet(HTML) 5 Page - Allegro MicroSystems

  L6219DSTR-T Datasheet HTML 1Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 2Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 3Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 4Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 5Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 6Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 7Page - Allegro MicroSystems L6219DSTR-T Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Dual Full-Bridge PWM Motor Driver
L6219DS
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Applications Information
PWM Current Control
The L6219DS dual bridge is designed to drive both windings of
a bipolar stepper motor. Output current is sensed and controlled
independently in each bridge by an external sense resistor (RS),
internal comparator, and monostable multivibrator.
When the bridge is turned on, current increases in the motor
winding and it is sensed by the external sense resistor until
the sense voltage (VCOMPIN) reaches the level set at the
comparator’s input:
ITRIP = VREF/10 RS
The comparator then triggers the monostable which turns off
the source driver of the bridge. The actual load current peak
will be slightly higher than the trip point (especially for low-
inductance loads) because of the internal logic and switching
delays. This delay (td) is typically 2 μs. After turn-off, the
motor current decays, circulating through the ground-clamp
diode and sink transistor. The source driver’s off time (and
therefore the magnitude of the current decrease) is determined
by the monostable’s external RC timing components, where
toff = RTCT within the range of 20 kΩ to 100 kΩ and 100 pF to
1000 pF.
The fixed-off time should be short enough to keep the current
chopping above the audible range (< 46 μs) and long enough to
properly regulate the current. Because only slow-decay current
control is available, short off times (< 10 μs) require additional
efforts to ensure proper current regulation. Factors that can
negatively affect the ability to properly regulate the current
when using short off times include: higher motor-supply
voltage, light load, and longer than necessary blank time.
When the source driver is re-enabled, the winding current (the
sense voltage) is again allowed to rise to the comparator’s
threshold. This cycle repeats itself, maintaining the average
motor winding current at the desired level.
Loads with high distributed capacitances may result in high
turn-on current peaks. This peak (appearing across RS) will
attempt to trip the comparator, resulting in erroneous current
control or high-frequency oscillations. An external RCCC
time delay should be used to further delay the action of the
comparator. Depending on load type, many applications will
not require these external components (SENSE connected to
COMP IN).
+
0
Dwg. W M-003-1A
V PHAS E
I
OUT
td
toff
I TR IP
Dwg. E P -006-1
R S
BB
V
BR IDG E ON
SOUR C E OF F
ALL OF F
PWM Output Current Wave Form
Load Current Paths


Número de pieza similar - L6219DSTR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L6219DS STMICROELECTRONICS-L6219DS Datasheet
1Mb / 9P
   STEPPER MOTOR DRIVER
logo
Allegro MicroSystems
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
logo
STMicroelectronics
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
65Kb / 8P
   STEPPER MOTOR DRIVER FOR AUTOMOTIVE RANGE
L6219DSA STMICROELECTRONICS-L6219DSA Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
L6219DSA STMICROELECTRONICS-L6219DSA_08 Datasheet
188Kb / 15P
   Stepper motor driver for automotive range
More results

Descripción similar - L6219DSTR-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
3962 ALLEGRO-3962 Datasheet
86Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2919 ALLEGRO-2919_06 Datasheet
285Kb / 9P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
2916 ALLEGRO-2916 Datasheet
1Mb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
L6219DS ALLEGRO-L6219DS Datasheet
182Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3966 ALLEGRO-A3966 Datasheet
299Kb / 8P
   Dual Full-Bridge PWM Motor Driver
A2919 ALLEGRO-A2919 Datasheet
336Kb / 8P
   Dual Full-Bridge PWM Motor Driver
logo
AMtek SEMICONDUCTORS CO...
AM2170 AMTEK-AM2170 Datasheet
211Kb / 10P
   Dual Full-Bridge PWM Motor Driver
OCT. 2008 V1.2
logo
Allegro MicroSystems
2918 ALLEGRO-2918 Datasheet
191Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
3961 ALLEGRO-3961 Datasheet
91Kb / 10P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
A3964 ALLEGRO-A3964 Datasheet
347Kb / 7P
   Dual Full-Bridge PWM Motor Driver
A2916 ALLEGRO-A2916 Datasheet
315Kb / 8P
   DUAL FULL-BRIDGE PWM MOTOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com