Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74AC125_08 Datasheet(Hoja de datos) 3 Page - Fairchild Semiconductor

No. de Pieza. 74AC125_08
Descripción  Quad Buffer with 3-STATE Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 3 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
3
DC Electrical Characteristics for AC
Notes:
1. All outputs loaded; thresholds on input associated with output under test.
2. Maximum test duration 2.0ms, one output loaded at a time.
3. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Symbol
Parameter
VCC
(V)
Conditions
TA = +25°C
TA = –40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1V or
VCC – 0.1V
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = –50µA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
3.0
VIN = VIL or VIH,
IOH = –12mA
2.56
2.46
4.5
VIN = VIL or VIH,
IOH = –24mA
3.86
3.76
5.5
VIN = VIL or VIH,
IOH = –24mA
(1)
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50µA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
3.0
VIN = VIL or VIH,
IOL = 12mA
0.36
0.44
4.5
VIN = VIL or VIH,
IOL = 24mA
0.36
0.44
5.5
VIN = VIL or VIH,
IOL = 24mA
(1)
0.36
0.44
IIN
(3)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
µA
IOZ
Maximum 3-STATE
Current
5.5
VI (OE) = VIL, VIH,
VI = VCC, VGND,
VO = VCC, GND
±0.25
±2.5
µA
IOLD
Minimum Dynamic
Output Current(2)
5.5
VOLD = 1.65V Max.
75
mA
IOHD
5.5
VOHD = 3.85V Min.
–75
mA
ICC
(3)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
40.0
µA




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125_01Low Voltage Quad Buffer with 3-STATE Outputs 1 2 3 4 5 Fairchild Semiconductor
74VHC125_07Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54HC126_07QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
SN54AHCT126_07QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
TC74VCX125FT_07Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
NC7WZ126TinyLogic UHS Dual Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC126AQUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
KK74AC257Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
TC74VCX2125FTLow Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl