Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


74ACT125MTC Datasheet(Hoja de datos) 5 Page - Fairchild Semiconductor

No. de Pieza. 74ACT125MTC
Descripción  Quad Buffer with 3-STATE Outputs
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo 

 
 5 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC125, 74ACT125 Rev. 1.4.1
5
AC Electrical Characteristics for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Electrical Characteristics for ACT
Note:
8. Voltage Range 5.0 is 5.0V ± 0.5V.
Capacitance
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.5
7.0
1.0
7.5
tPHL
Propagation Delay,
Data to Output
3.3
1.0
6.5
9.0
1.0
10.0
ns
5.0
1.0
5.0
7.0
1.0
7.5
tPZH
Output Enable Time
3.3
1.0
6.0
10.5
1.0
11.0
ns
5.0
1.0
5.0
7.0
1.0
8.0
tPZL
Output Enable Time
3.3
1.0
7.5
10.0
1.0
11.0
ns
5.0
1.0
5.5
8.0
1.0
8.5
tPHZ
Output Disable Time
3.3
1.0
7.5
10.0
1.0
10.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
tPLZ
Output Disable Time
3.3
1.0
7.5
10.5
1.0
11.5
ns
5.0
1.0
6.5
9.0
1.0
9.5
Symbol
Parameter
VCC (V)
(8)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
tPLH
Propagation Delay,
Data to Output
5.0
1.0
6.5
9.0
1.0
10.0
ns
tPHL
Propagation Delay,
Data to Output
5.0
1.0
7.0
9.0
1.0
10.0
ns
tPZH
Output Enable Time
5.0
1.0
6.0
8.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPHZ
Output Disable Time
5.0
1.0
7.0
9.5
1.0
10.5
ns
tPLZ
Output Disable Time
5.0
1.0
7.5
10.0
1.0
10.5
ns
Symbol
Parameter
Conditions
Typ.
Units
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0V
45.0
pF




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
74LVQ125_01Low Voltage Quad Buffer with 3-STATE Outputs 1 2 3 4 5 Fairchild Semiconductor
74VHC125_07Quad Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN54HC126_07QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT126_07QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
TC74VCX125FT_07Low-Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor
NC7WZ126TinyLogic UHS Dual Buffer with 3-STATE Outputs 1 2 3 4 5 MoreFairchild Semiconductor
SN74LVC126AQUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments
KK74AC257Quad 2-Input Data Selector/Multiplexer with 3-State Outputs High-Speed Silicon-Gate CMOS 1 2 3 4 5 MoreKODENSHI KOREA CORP.
TC74VCX2125FTLow Voltage Quad Bus Buffer with 3.6-V Tolerant Inputs and Outputs 1 2 3 4 5 MoreToshiba Semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl