Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADL5541-EVALZ Datasheet(PDF) 7 Page - Analog Devices

No. de pieza ADL5541-EVALZ
Descripción Electrónicos  50 MHz to 6 GHz RF/IF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADL5541-EVALZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5541-EVALZ Datasheet HTML 3Page - Analog Devices ADL5541-EVALZ Datasheet HTML 4Page - Analog Devices ADL5541-EVALZ Datasheet HTML 5Page - Analog Devices ADL5541-EVALZ Datasheet HTML 6Page - Analog Devices ADL5541-EVALZ Datasheet HTML 7Page - Analog Devices ADL5541-EVALZ Datasheet HTML 8Page - Analog Devices ADL5541-EVALZ Datasheet HTML 9Page - Analog Devices ADL5541-EVALZ Datasheet HTML 10Page - Analog Devices ADL5541-EVALZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADL5541
Rev. 0 | Page 7 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
RFIN
2
GND
3
GND
4
CB
7GND
8RFOUT
6GND
5 VPOS
ADL5541
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFIN
RF Input. Requires a dc blocking capacitor.
2, 3, 6, 7
GND
Ground. Connect these pins to a low impedance ground plane.
4
CB
Low Frequency Bypass. A 1 μF capacitor should be connected between this pin and ground.
5
VPOS
Power Supply for Bias Controller. Connect directly to external power supply.
8
RFOUT
RF Output and Supply Voltage. DC bias is provided to this pin through an inductor that is tied to the
external power supply. RF path requires a dc blocking capacitor.
Exposed Paddle
Exposed Paddle. Internally connected to GND. Solder to a low impedance ground plane.


Número de pieza similar - ADL5541-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5541-EVALZ AD-ADL5541-EVALZ Datasheet
268Kb / 13P
   RF/IF Gain Block
More results

Descripción similar - ADL5541-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADL5541 AD-ADL5541_15 Datasheet
257Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5542 AD-ADL5542 Datasheet
265Kb / 12P
   50 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5544 AD-ADL5544 Datasheet
418Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5610 AD-ADL5610 Datasheet
339Kb / 16P
   30 MHz to 6 GHz RF/IF Gain Block
REV. A
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5545 AD-ADL5545 Datasheet
414Kb / 20P
   30 MHz to 6 GHz RF/IF Gain Block
REV. 0
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5536 AD-ADL5536 Datasheet
307Kb / 16P
   20 MHz to 1.0 GHz IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com