Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS79M00A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS79M00A
Descripción Electrónicos  3-Terminal 500mA Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M00A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS79M00A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS79M00A Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TS79M00A Series
3-Terminal 500mA Negative Voltage Regulator
2/10
Version: A07
TS79M05A Electrical Characteristics
(Vin= -10V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-4.90
-5
-5.10
Output voltage
Vout
-7.5V≤Vin≤-20V,
5mA≤Iout≤500mA, PD≤5W
-4.85
-5
-5.15
V
-7.5V≤Vin≤-25V
--
7
50
Line Regulation
REGline
Tj=25
oC
-8V≤Vin≤-18V
--
2
30
5mA≤Iout≤500mA
--
20
100
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤200mA
--
10
50
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-7.5V≤Vin≤-25V
--
--
1
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
40
--
µV
Ripple Rejection Ratio
RR
f=120Hz, -8V≤Vin≤-18V
54
66
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.1
--
mV/
oC
TS79M06A Electrical Characteristics
(Vin= -11V, Iout=350mA, 0
oC≤Tj≤125oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Tj=25
oC
-5.88
-6
-6.12
Output Voltage
Vout
-8.5V≤Vin≤-21V,
5mA≤Iout≤500mA, PD≤5W
-5.76
-6
-6.24
V
-8.5V≤Vin≤-25V
--
5
120
Line Regulation
REGline
Tj=25
oC
-9V≤Vin≤-13V
--
1.5
60
5mA≤Iout≤500mA
--
14
120
Load Regulation
REGload
Tj=25
oC
250mA≤Iout≤200mA
--
4
60
mV
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
4
8
-8.5V≤Vin≤-25V
--
--
1
Quiescent Current Change
ΔIq
5mA≤Iout≤500mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz≤f≤100KHz, Tj=25
oC
--
44
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -9V≤Vin≤-19V
60
73
--
dB
Voltage Drop
Vdrop
Iout=500mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
ΔVout/ ΔTj
Iout=5mA, 0
oC≤Tj≤125oC
--
-0.1
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


Número de pieza similar - TS79M00A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
TS79M00 TSC-TS79M00 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_10 Datasheet
273Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
More results

Descripción similar - TS79M00A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00_14 Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M00 TSC-TS79M00_10 Datasheet
273Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com