Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSC2101 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TSC2101
Descripción Electrónicos  AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TSC2101 Datasheet(HTML) 1 Page - Texas Instruments

  TSC2101 Datasheet HTML 1Page - Texas Instruments TSC2101 Datasheet HTML 2Page - Texas Instruments TSC2101 Datasheet HTML 3Page - Texas Instruments TSC2101 Datasheet HTML 4Page - Texas Instruments TSC2101 Datasheet HTML 5Page - Texas Instruments TSC2101 Datasheet HTML 6Page - Texas Instruments TSC2101 Datasheet HTML 7Page - Texas Instruments TSC2101 Datasheet HTML 8Page - Texas Instruments TSC2101 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
TSC2101
SLAS392D− JUNE 2003 − REVISED MAY 2005
AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER
AMPLIFIER AND TOUCH SCREEN CONTROLLER
FEATURES
D Stereo Audio Playback Up to 48 ksps
D Mono Audio Record up to 48 ksps
D Integrated PLL for Audio Clock Generation
D Programmable Gain Amplifiers
D Hardware Automatic Gain Control
D Programmable Digital Audio Effects
Processing
D Stereo Headset Interface
D Cellular Headset Interface
D 8-Ω Speaker Driver
D 32-Ω Receiver Driver
D Interface with Microphone
D Auto-Detection of Headset and Button Press
D Supports Both Cap and Cap-Less Interface
for Headset
D Programmable Audio Routing
D 4-Wire Touch Screen Interface
D Integrated Touch Screen Processor With
Fully Automated Modes of Operation
D Programmable Converter Resolution, Speed,
and Averaging
D Programmable Autonomous Timing Control
D Direct Battery Measurement
D Built-In Buffer for Touch Screen Data
D SPISerial Interface
D Low Power
D Full Power-Down Control
D 48-Pin QFN Package
APPLICATIONS
D Personal Digital Assistants
D Smart Cellular Phones
D MP3 Players
DESCRIPTION
The TSC2101 is a low-power highly integrated high
performance codec and touch screen controller, which
supports stereo audio DAC, mono audio ADC and SAR
ADC.
The TSC2101 features a high-performance audio codec
with 16, 20, 24, or 32-bit stereo playback, mono record
functionality at up to 48 ksps. The device integrates
several analog features such as support for headset
interface, cellular headset interface, microphone interface,
and speaker and receiver drivers. The device supports
auto detection of headset and button press without any
glue logic. The TCS2101 has fully programmable audio.
The digital audio data format is programmable to work with
popular audio standard protocols (I2S, DSP, left/right
justified) in master or slave mode, and also includes an
on-chip PLL for flexible clock generation capability.
The TSC2101 contains a 12-bit 4-wire resistive touch
screen converter complete with drivers, and interfaces to
the host controller through a standard SPI™ serial
interface. The on-chip processor provides extensive
features specifically designed to reduce host processor
and bus overhead, with capabilities that include fully
automated operating modes, programmable conversion
resolution up to 12 bits, programmable sampling rates up
to 125 kHz, programmable conversion averaging, and
programmable on-chip timing generation.
The TSC2101 offers battery measurement inputs capable
of reading battery voltages up to 6 V, while operating at
only 3 V. It also has an on-chip temperature sensor
capable of reading 0.3°C resolution. The TSC2101 is
available in a 48-lead QFN.
US Patent No. 6246394
SPI is a trademark of Motorola.
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright © 2004 − 2005, Texas Instruments Incorporated


Número de pieza similar - TSC2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101 TI-TSC2101 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZ TI-TSC2101IRGZ Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2101IRGZG4 TI-TSC2101IRGZG4 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
More results

Descripción similar - TSC2101

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TSC2101 TI-TSC2101_07 Datasheet
1Mb / 93P
[Old version datasheet]   AUDIO CODEC WITH INTEGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2111 TI-TSC2111 Datasheet
1Mb / 99P
[Old version datasheet]   AUDIO CODEC WITH INTERGRATED HEADPHONE, SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2100 TI-TSC2100 Datasheet
717Kb / 71P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO CODEC AND HEADPHONE/SPEAKER AMPLIFIER
TSC2101 TI-TSC2101 Datasheet
867Kb / 90P
[Old version datasheet]   AUDIO CODEC WITH INTERATED HEADPHONE SPEAKER AMPLIFIER AND TOUCH SCREEN CONTROLLER
TSC2102 TI-TSC2102 Datasheet
518Kb / 54P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH INTEGRATED STEREO AUDIO DAC AND HEADPHONE AMPLIFIER
logo
Asahi Kasei Microsystem...
AK4533 AKM-AK4533 Datasheet
455Kb / 40P
   Audio Codec with Touch Screen Controller
logo
Texas Instruments
TLV320AIC28 TI-TLV320AIC28_08 Datasheet
1Mb / 85P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_15 Datasheet
1Mb / 88P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TLV320AIC29 TI-TLV320AIC29_08 Datasheet
1Mb / 87P
[Old version datasheet]   STEREO AUDIO CODEC WITH INTEGRATED HEADPHONE AND SPEAKER AMPLIFIERS
TSC2300 TI-TSC2300 Datasheet
1Mb / 81P
[Old version datasheet]   PROGRAMMABLE TOUCH SCREEN CONTROLLER WITH AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com