Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TS1086_07 Datasheet(Hoja de datos) 2 Page - Taiwan Semiconductor Company, Ltd

No. de Pieza. TS1086_07
Descripción  1.5A Low Dropout Positive Voltage Regulator
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo 

   
 2 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
2/9
Version: A07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Operation Input Supply Voltage
VIN (Opr. Typ.)
7
V
Power Dissipation (Note 2)
PD
Internal limited
TO-220
80
TO-263
85
TO-252
105
Thermal Resistance
Junction to Ambient
SOT-223
ӨJA
130
oC/W
Operating Junction Temperature Range
TJ
0 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
TO-220 / TO-263
10
Lead Soldering Temperature (260
oC)
TO-252 / SOT-223
5
S
Electrical Specification (Ta= 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
VIN= 2.75, Io=1.5A
1.225
1.25
1.275
V
VIN = 3.3V~7V, Io=1.5A
1.764
1.8
1.836
V
VIN = 4V~7V, Io=1.5A
2.450
2.5
2.550
V
VIN = 4.8V~7V, Io=1.5A
3.235
3.3
3.366
V
Output Voltage
VIN = 6.5V~7V, Io=1.5A
4.900
5.0
5.100
V
Line Regulation
Vo+1.5V ≤ VIN ≤ 7V, Io= 10mA
--
0.015
0.2
%
Load Regulation (Note 1,2)
VIN = VOUT +1.5V
Io= 10mA ~ 1.5A
--
0.05
1.0
%
Dropout Voltage
Io=1A, ∆ VOUT = 1% VOUT
--
1.3
1.5
V
Quiescent Current
VIN = 5V
--
8
10
mA
Adjustable Pin Current
--
90
--
uA
Output Current Limit
VIN - VOUT = 3V
2.0
--
--
A
Temperature Stability
Io=10mA,
--
0.5
--
%
Ripple Rejection
F= 120Hz, Io= 1A, COUT = 25uF,
VIN = Vout+3V
--
60
70
dB
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is
measured at the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 15W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TS291501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
GSCLP29511.5A CMOS LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 GTM CORPORATION
TS39150_071.5A Ultra Low Dropout Voltage Regulator with Multi-Function 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
G5E12861.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator 1 2 3 4 GTM CORPORATION
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
AP10861.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
GU10861.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
AP11861.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
SPX2815_061.5A Low Dropout Voltage Regulator 1 2 3 4 5 MoreSipex Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl