Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


TS1086 Datasheet(Hoja de datos) 3 Page - Taiwan Semiconductor Company, Ltd

No. de Pieza. TS1086
Descripción  1.5A Low Dropout Positive Voltage Regulator
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo 

   
 3 page
background image
TS1086
1.5A Low Dropout Positive Voltage Regulator
3/9
Version: A07
Electrical Characteristics Curve
Figure 1. Vdrop vs. Output Current
Figure 2. Reference Voltage vs. Temperature
Figure 3. Load Regulation vs. Output Current
Figure 4. Minimum Load Current
Figure 5. Iadj Pin vs. Temperature




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
TS291501.5A Ultra Low Dropout Fixed Positive Voltage Regulator 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
GSCLP29511.5A CMOS LOW DROPOUT VOLTAGE REGULATOR 1 2 3 4 GTM CORPORATION
TS39150_071.5A Ultra Low Dropout Voltage Regulator with Multi-Function 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd
GM6250ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR 1 2 3 4 5 MoreList of Unclassifed Manufacturers
G5E12861.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator 1 2 3 4 GTM CORPORATION
LD1585C_055A Low dropout fast response positive voltage regulator adjustable and fixed 1 2 3 4 5 MoreSTMicroelectronics
AP10861.5A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
GU10861.5A Low Dropout Positive Adjustable or Fixed-Mode Regulator 1 2 3 4 GTM CORPORATION
AP11861.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR 1 2 3 4 5 MoreDiodes Incorporated
SPX2815_061.5A Low Dropout Voltage Regulator 1 2 3 4 5 MoreSipex Corporation

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl