Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS1115CYXXRM Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TS1115CYXXRM
Descripción Electrónicos  500mA Low Dropout Positive Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1115CYXXRM Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

  TS1115CYXXRM Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1115CYXXRM Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TS1115
500mA Low Dropout Positive Voltage Regulator
7/8
Version: A07
SOT-223 Mechanical Drawing
Marking Diagram
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
XX = Voltage Code
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
= Package Code for Adjustable type
(CW = SOT-223)
SOT-223 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.350
6.850
0.250
0.270
B
2.900
3.100
0.114
0.122
C
3.450
3.750
0.136
0.148
D
0.595
0.635
0.023
0.025
E
4.550
4.650
0.179
0.183
F
2.250
2.350
0.088
0.093
G
0.835
1.035
0.032
0.041
H
6.700
7.300
0.263
0.287
I
0.250
0.355
0.010
0.014
J
10°
16°
10°
16°
K
1.550
1.800
0.061
0.071


Número de pieza similar - TS1115CYXXRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS1115CYRM TSC-TS1115CYRM Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
More results

Descripción similar - TS1115CYXXRM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163 Datasheet
149Kb / 8P
   500MA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1118 TSC-TS1118 Datasheet
144Kb / 6P
   500mA Low Dropout Positive Voltage Regulator
logo
Richtek Technology Corp...
RT9163 RICHTEK-RT9163_07 Datasheet
123Kb / 7P
   500mA Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1115 TSC-TS1115_09 Datasheet
191Kb / 5P
   500mA Low Dropout Positive Voltage Regulator
TS2937 TSC-TS2937 Datasheet
152Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
TS2937A TSC-TS2937A Datasheet
151Kb / 6P
   500mA Ultra Low Dropout Fixed Positive Voltage Regulator
logo
New Japan Radio
NJU7223 NJRC-NJU7223 Datasheet
127Kb / 5P
   500mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS3107 ADMOS-AMS3107 Datasheet
82Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS2907 ADMOS-AMS2907 Datasheet
80Kb / 8P
   500mA LOW DROPOUT VOLTAGE REGULATOR
AMS3107 ADMOS-AMS3107_1 Datasheet
77Kb / 9P
   500mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com