Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM3401 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM3401
Descripción Electrónicos  30V P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3401 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSM3401_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3401_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3401_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3401_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3401_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3401_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TSM3401
30V P-Channel MOSFET
4/6
Version: A07
Electrical Characteristics Curve (Ta = 25oC, unless otherwise noted)
On-Resistance vs. Gate-Source Voltage
Threshold Voltage
Single Pulse Power
Normalized Thermal Transient Impedance, Junction-to-Ambient


Número de pieza similar - TSM3401_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM3401CX TSC-TSM3401CX Datasheet
217Kb / 5P
   -30V P-Channel Enhancement Mode MOSFET
TSM3401CXRF TSC-TSM3401CXRF Datasheet
240Kb / 6P
   30V P-Channel MOSFET
TSM3401CXRFG TSC-TSM3401CXRFG Datasheet
261Kb / 7P
   P-Channel Power MOSFET
TSM3401 TSC-TSM3401_10 Datasheet
240Kb / 6P
   30V P-Channel MOSFET
TSM3401 TSC-TSM3401_15 Datasheet
261Kb / 7P
   P-Channel Power MOSFET
More results

Descripción similar - TSM3401_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
AO4801A AOSMD-AO4801A_11 Datasheet
279Kb / 5P
   30V P-Channel MOSFET
AON2705 AOSMD-AON2705 Datasheet
398Kb / 6P
   30V P-Channel MOSFET
AOD403 AOSMD-AOD403_11 Datasheet
414Kb / 6P
   30V P-Channel MOSFET
AO4415 AOSMD-AO4415 Datasheet
172Kb / 4P
   30V P-Channel MOSFET
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
   30V P-Channel MOSFET
AO3409 AOSMD-AO3409_11 Datasheet
239Kb / 5P
   30V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com