Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSM4410D Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

No. de pieza TSM4410D
Descripción Electrónicos  25V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TSC [Taiwan Semiconductor Company, Ltd]
Página de inicio  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM4410D Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSM4410D_07 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM4410D_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM4410D_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM4410D_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM4410D_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM4410D_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSM4410D
25V Dual N-Channel MOSFET
2/6
Version: A07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Drain-Source Breakdown Voltage
VGS = 0V, ID = 250uA
BVDSS
25
--
--
V
Gate Threshold Voltage
VDS = VGS, ID = 250uA
VGS(TH)
1.0
1.9
3.0
V
Gate Body Leakage
VGS = ±20V, VDS = 0V
IGSS
--
--
±100
nA
Zero Gate Voltage Drain Current
VDS = 25V, VGS = 0V
IDSS
--
--
1.0
uA
On-State Drain Current
VDS ≥5V, VGS = 10V
ID(ON)
25
--
--
A
VGS = 10V, ID = 10A
--
13
15
Drain-Source On-State Resistance
VGS = 4.5V, ID = 8A
RDS(ON)
--
18
21
Forward Transconductance
VDS = 15V, ID = 15A
gfs
--
25
--
S
Diode Forward Voltage
IS = 2.3A, VGS = 0V
VSD
--
0.85
1.3
V
Dynamic
b
Total Gate Charge
Qg
--
14.7
26
Gate-Source Charge
Qgs
--
2.5
--
Gate-Drain Charge
VDS = 15V, ID = 10A,
VGS = 10V
Qgd
--
3
--
nC
Input Capacitance
Ciss
--
921
--
Output Capacitance
Coss
--
208.7
--
Reverse Transfer Capacitance
VDS = 15V, VGS = 0V,
f = 1.0MHz
Crss
--
108.2
--
pF
Switching
c
Turn-On Delay Time
td(on)
--
20.2
--
Turn-On Rise Time
tr
--
5.9
--
Turn-Off Delay Time
td(off)
--
49.5
--
Turn-Off Fall Time
VDD = 15V, RL = 15Ω,
ID = 1A, VGEN = 10V,
RG = 16Ω
tf
--
16.7
--
nS
Notes:
a. pulse test: PW ≤300µS, duty cycle ≤2%
b. For DESIGN AID ONLY, not subject to production testing.
b. Switching time is essentially independent of operating temperature.


Número de pieza similar - TSM4410D_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D_08 Datasheet
128Kb / 6P
   25V Dual N-Channel MOSFET
More results

Descripción similar - TSM4410D_07

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TSM4410D TSC-TSM4410D_08 Datasheet
128Kb / 6P
   25V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON6918 AOSMD-AON6918 Datasheet
400Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
AON6922 AOSMD-AON6922 Datasheet
393Kb / 10P
   25V Dual Asymmetric N-Channel MOSFET
logo
Fairchild Semiconductor
FDMS3615S FAIRCHILD-FDMS3615S Datasheet
525Kb / 16P
   25V Asymmetric Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM35N03 TSC-TSM35N03_07 Datasheet
354Kb / 6P
   25V N-Channel MOSFET
TSM4410 TSC-TSM4410_08 Datasheet
126Kb / 6P
   25V N-Channel MOSFET
TSM75N03 TSC-TSM75N03 Datasheet
65Kb / 4P
   25V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFM2506L GOOD-ARK-SSFM2506L Datasheet
683Kb / 7P
   25V N-Channel MOSFET
logo
Guangdong Youtai Semico...
NTD4860 UMW-NTD4860 Datasheet
482Kb / 7P
   25V N -Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM55N03 TSC-TSM55N03_07 Datasheet
363Kb / 6P
   25V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com