Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TP868C15R Datasheet(PDF) 3 Page - Fuji Electric

No. de pieza TP868C15R
Descripción Electrónicos  High Voltage Schottky barrier diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

TP868C15R Datasheet(HTML) 3 Page - Fuji Electric

  TP868C15R Datasheet HTML 1Page - Fuji Electric TP868C15R Datasheet HTML 2Page - Fuji Electric TP868C15R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TP868C15R (30A)
(150V / 30A )
110
100
10
100
1000
Surge Capability (max.)
Number of Cycles at 50Hz
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-2
10
-1
10
0
10
1
Rth(j-c):1.0°C/W
Transient Thermal Impedance (max.)
t
Time
(sec)
10
100
1000
10
100
1000
Surge Current Ratings (max.)
tTime (ms) Sinewave


Número de pieza similar - TP868C15R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
TP868C10R FUJI-TP868C10R Datasheet
623Kb / 6P
   Schottky Barrier Diode
TP868C12R FUJI-TP868C12R Datasheet
74Kb / 3P
   High Voltage Schottky barrier diode
More results

Descripción similar - TP868C15R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
YG861S15R FUJI-YG861S15R Datasheet
128Kb / 4P
   High Voltage Schottky barrier diode
PH868C15 FUJI-PH868C15 Datasheet
68Kb / 3P
   High Voltage Schottky barrier diode
CB863-12 FUJI-CB863-12 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
CB863-20 FUJI-CB863-20 Datasheet
130Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YA868C15R FUJI-YA868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
PH865C15 FUJI-PH865C15 Datasheet
71Kb / 3P
   High Voltage Schottky barrier diode
FD867-20 FUJI-FD867-20 Datasheet
129Kb / 3P
   HIGH VOLTAGE SCHOTTKY BARRIER DIODE
YG868C12R FUJI-YG868C12R Datasheet
56Kb / 3P
   High Voltage Schottky barrier diode
YA865C12R FUJI-YA865C12R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
TS868C12R FUJI-TS868C12R Datasheet
55Kb / 3P
   High Voltage Schottky barrier diode
YG868C15R FUJI-YG868C15R Datasheet
57Kb / 3P
   High Voltage Schottky barrier diode
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com