Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ157M Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza 74LVQ157M
Descripción Electrónicos  LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ157M Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ157M Datasheet HTML 1Page - STMicroelectronics 74LVQ157M Datasheet HTML 2Page - STMicroelectronics 74LVQ157M Datasheet HTML 3Page - STMicroelectronics 74LVQ157M Datasheet HTML 4Page - STMicroelectronics 74LVQ157M Datasheet HTML 5Page - STMicroelectronics 74LVQ157M Datasheet HTML 6Page - STMicroelectronics 74LVQ157M Datasheet HTML 7Page - STMicroelectronics 74LVQ157M Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CAPACITIVE CHARACTERISTICS
Symb ol
Parameter
Test Co nditi ons
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
CIN
Input Capacitance
3.3
5
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
fIN =10 MHz
24
pF
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operting current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4(per channel)
TEST CIRCUIT
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, RL = 500
Ω, Input tr =tf =3 ns)
Symb ol
Parameter
T est Con ditio n
Valu e
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
T yp.
Max.
Mi n.
Max.
tPLH
tPHL
Propagation Delay Time
(SELECT-Y)
2.7
7.5
15
17
ns
3.3
(*)
6.5
11
12
tPLH
tPHL
Propagation Delay Time
(STROBE-Y)
2.7
7
15
17
ns
3.3
(*)
611
12
tPLH
tPHL
Propagation Delay Time
(A,B-Y)
2.7
6
11
13
ns
3.3
(*)
58
9
tOSLH
tOSHL
Output to Output Skew
Time (note 1, 2)
2.7
0.5
1.5
1.5
ns
3.3
(*)
0.5
1.5
1.5
1) Skew is defined as the absolute value of the difference between the actual propagation delay for any twooutputs of the same device switching in the
same direction, either HIGH or LOW (tOSLH =|tPLHm -tPLHn|, tOSHL =|tPHLm -tpHLn|)
2) Parameter guaranteed by design
(*) Voltage range is 3.3V
± 0.3V
CL = 50 pF or equivalent (includes jigand probe capacitance)
RL =R1 =500
Ω orequivalent
RT =ZOUT of pulse generator (typically 50
Ω)
74LVQ157
4/8


Número de pieza similar - 74LVQ157M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ157MTR STMICROELECTRONICS-74LVQ157MTR Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
More results

Descripción similar - 74LVQ157M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ157 STMICROELECTRONICS-74LVQ157_04 Datasheet
298Kb / 12P
   LOW VOLTAGE QUAD 2 CHANNEL MULTIPLEXER
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
74LVX157 FAIRCHILD-74LVX157 Datasheet
77Kb / 7P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX257 ONSEMI-74LCX257 Datasheet
207Kb / 11P
   Low Voltage Quad 2-Input Multiplexer
Revised September 2000
logo
Fairchild Semiconductor
74LVQ157 FAIRCHILD-74LVQ157 Datasheet
79Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
74LVQ157 FAIRCHILD-74LVQ157_01 Datasheet
66Kb / 6P
   Low Voltage Quad 2-Input Multiplexer
logo
ON Semiconductor
74LCX157 ONSEMI-74LCX157 Datasheet
342Kb / 12P
   Low Voltage Quad 2-Input Multiplexer
April 2015 Rev. 1.3
logo
Toshiba Semiconductor
TC74VHC157F TOSHIBA-TC74VHC157F Datasheet
234Kb / 6P
   QUAD 2-CHANNEL MULTIPLEXER
logo
STMicroelectronics
74AC157 STMICROELECTRONICS-74AC157 Datasheet
81Kb / 9P
   QUAD 2 CHANNEL MULTIPLEXER
May 1997
74ACT157 STMICROELECTRONICS-74ACT157 Datasheet
74Kb / 8P
   QUAD 2 CHANNEL MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com