Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL103WAIDRJR Datasheet(PDF) 4 Page - Texas Instruments |
|
TL103WAIDRJR Datasheet(HTML) 4 Page - Texas Instruments |
4 / 12 page www.ti.com OPAMP1, Operational Amplifier With Noninverting Input Connected to the Internal V REF TL103W, TL103WA DUAL OPERATIONAL AMPLIFIERS WITH INTERNAL REFERENCE SLOS437J – APRIL 2004 – REVISED JULY 2005 Electrical Characteristics V CC+ = 5 V, VCC = GND, TA = 25°C (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT 25 °C 1 4 TL103W Vicm = 0 V Full range 5 VIO Input offset voltage mV 25 °C 0.5 3 TL103WA Vicm = 0 V Full range 5 αV IO Input offset-voltage drift 25 °C 7 µV/°C IIB Input bias current (negative input) 25 °C 20 nA AVD Large-signal voltage gain VCC+ = 15 V, RL = 2 kΩ, Vicm = 0 V 25 °C 100 V/mV kSVR Supply-voltage rejection ratio VCC+ = 5 V to 30 V, Vicm = 0 V 25 °C 65 100 dB Isource Output source current VCC+ = 15 V, VO = 2 V, Vid = 1 V 25 °C 20 40 mA ISC Short circuit to GND VCC+ = 15 V 25 °C 40 60 mA VCC+ = 15 V, VO = 2 V, Vid = –1 V 10 12 mA Isink Output sink current 25 °C VCC+ = 15 V, VO = 0.2 V, Vid = –1 V 12 50 µA 25 °C 26 27 VCC = 30 V, RL = 2 kΩ Full range 26 VOH High-level output voltage V 25 °C 27 28 VCC = 30 V, RL = 10 kΩ Full range 27 25 °C 5 20 VOL Low-level output voltage RL = 10 kΩ mV Full range 20 VCC+ = 15 V, CL = 100 pF, SR Slew rate at unity gain 25 °C 0.2 0.4 V/ µs RL = 2 kΩ, VI = 0.5 V to 2 V, unity gain VCC+ = 30 V, VI = 10 mV, GBW Gain bandwidth product 25 °C 0.5 0.9 MHz CL = 100 pF, RL = 2 kΩ, f = 100 kHz VCC+ = 30 V, VO = 2 Vpp, CL = 100 pF, THD Total harmonic distortion 25 °C 0.02 % RL = 2 kΩ, f = 1 kHz, AV = 20 dB 4 |
Número de pieza similar - TL103WAIDRJR |
|
Descripción similar - TL103WAIDRJR |