Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ4066M Datasheet(PDF) 3 Page - STMicroelectronics

No. de pieza 74LVQ4066M
Descripción Electrónicos  QUAD BILATERAL SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066M Datasheet(HTML) 3 Page - STMicroelectronics

  74LVQ4066M Datasheet HTML 1Page - STMicroelectronics 74LVQ4066M Datasheet HTML 2Page - STMicroelectronics 74LVQ4066M Datasheet HTML 3Page - STMicroelectronics 74LVQ4066M Datasheet HTML 4Page - STMicroelectronics 74LVQ4066M Datasheet HTML 5Page - STMicroelectronics 74LVQ4066M Datasheet HTML 6Page - STMicroelectronics 74LVQ4066M Datasheet HTML 7Page - STMicroelectronics 74LVQ4066M Datasheet HTML 8Page - STMicroelectronics 74LVQ4066M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DC SPECIFICATIONS
Symb ol
Parameter
T est Cond ition s
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
VIH
High Level Input Voltage
2.7
t o 5.5
0.7VCC
0.7VCC
V
VIL
Low Level Input Voltage
0.3VCC
0.3VCC
V
RON
ON Resistance
3.3
(**)
VI =VIH
VI/O =VCC to GND
II/O
≤ 1mA
20
30
40
5.0
(*)
12
18
24
3.3
(**)
VI =VIH
VI/O =VCC or GND
II/O
≤ 1mA
10
15
20
5.0
(*)
9.5
14
19
∆RON
Difference of ON
Resistance Between
Switches
3.0
t o 5.5
VI =VIH
VI/O =VCC to G ND
II/O
≤ 1mA
2
IOFF
Input/Output Leakage
Current (SWITCH OFF)
5.5
VOS =VCC to GND
VIS =VCC to G ND
VI =VIL
±0.1
±1.0
µA
IIZ
Switch Input Leakage
Current (SWITCH ON,
OUTPUT OPEN)
5.5
VOS =VCC to GND
VI =VIH
±0.1
±1.0
µA
IIN
Control Input Leakage
Current
5.5
VI =VCC or GND
±0.1
±1.0
µA
ICC
Quiescent Supply Current
5.5
VI =VCC or GND
2
20
µA
(*) Voltage range is 5V
± 0.5V
(**) Voltagerange is 3.3V
± 0.3V
74LVQ4066
3/9


Número de pieza similar - 74LVQ4066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ4066MTR STMICROELECTRONICS-74LVQ4066MTR Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
More results

Descripción similar - 74LVQ4066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com