Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74LVQ4066M Datasheet(PDF) 4 Page - STMicroelectronics

No. de pieza 74LVQ4066M
Descripción Electrónicos  QUAD BILATERAL SWITCH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVQ4066M Datasheet(HTML) 4 Page - STMicroelectronics

  74LVQ4066M Datasheet HTML 1Page - STMicroelectronics 74LVQ4066M Datasheet HTML 2Page - STMicroelectronics 74LVQ4066M Datasheet HTML 3Page - STMicroelectronics 74LVQ4066M Datasheet HTML 4Page - STMicroelectronics 74LVQ4066M Datasheet HTML 5Page - STMicroelectronics 74LVQ4066M Datasheet HTML 6Page - STMicroelectronics 74LVQ4066M Datasheet HTML 7Page - STMicroelectronics 74LVQ4066M Datasheet HTML 8Page - STMicroelectronics 74LVQ4066M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ANALOG SWITCH CHARACTERISTICS (GND = 0 V, TA =25
oC)
Symb ol
Parameter
Test Co ndi ti on
Val ue
Un it
VCC
(V)
VIN
(Vp-p)
Sine Wave Distortion
(THD)
3.3
2.75
fIN = 1 KHz
RL = 10K
CL = 50 pF
0.04
%
5.0
(*)
4
0.04
fMAX
Frequency Response
(Switch ON)
3.3
Adjust fIN voltage to Obtain 0dBm at VOS.
Increase fIN Frequency until dB Meter reads -3dB
RL =50
Ω, CL = 10pF
150
MHz
5.0
(*)
180
Feedthrough
Attenuation
(Switch OFF)
3.3
VIN is centered at VCC/2. Adjust input for 0dBm
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
Crosstalk (Control
Input to Signal Output)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz square wave
60
mV
5.0
(*)
60
Crosstalk (Between
Any Switches)
3.3
RL = 600
Ω,CL = 50pF, fIN = 1MHz sine wave
-60
dB
5.0
(*)
-60
(*) Voltage range is 5V
± 0.5V
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr =tf =3 ns)
Symb ol
Parameter
Test Co nditi on
Val ue
Un it
VCC
(V)
TA =25
oC
-40 to 85
oC
Min.
Typ .
Max.
Min .
Max.
tPD
Delay Time
3.3
(*)
0.4
0.8
1.2
ns
5.0
(**)
0.1
0.2
1.0
tPZL
tPZH
Output Enable Time
3.3
(*)
RL =1k
2.5
4.0
5.0
ns
5.0
(**)
2.0
4.0
5.0
tPLZ
tPHZ
Output Disable Time
3.3
(*)
RL =1k
5.0
7.5
9.0
ns
5.0
(**)
5.0
7.5
9.0
CIN
Input Capacitance
5
pF
CI/O
Switch Terminal
Capacitance
10
pF
CPD
Power Dissipation
Capacitance (note 1)
3.3
2.5
pF
5.0
3
1) CPD isdefined as the value of the IC’sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto
Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD
• VCC • fIN +ICC/4 (switch).
(*) Voltage range is 3.3V
± 0.3V
(**) Voltagerange is 5V
± 0.5V
74LVQ4066
4/9


Número de pieza similar - 74LVQ4066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
74LVQ4066MTR STMICROELECTRONICS-74LVQ4066MTR Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
More results

Descripción similar - 74LVQ4066M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com