Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ESAD92M-03R Datasheet(PDF) 2 Page - Fuji Electric

No. de pieza ESAD92M-03R
Descripción Electrónicos  LOW LOSS SUPER HIGH SPEED RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJI [Fuji Electric]
Página de inicio  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ESAD92M-03R Datasheet(HTML) 2 Page - Fuji Electric

  ESAD92M-03R Datasheet HTML 1Page - Fuji Electric ESAD92M-03R Datasheet HTML 2Page - Fuji Electric ESAD92M-03R Datasheet HTML 3Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2007
年3
保守廃止予定機種
This
product
is scheduled
be
obsolete
on
march
2007.
Not
recommend
for
new
design.
ESAD92M-03R (20A)
(300V / 20A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[mA]
Forward power dissipation
Io [A]
WF
[W]
Junction capacitance characteristics
Cj
[pF]
VR [V]
Output current-case temperature
Tc
[°C]
Io [A]
0
4
8
12
16
20
0
100
200
300
400
12
10
8
6
4
2
0
50
30
10
5
3
Reverse power dissipation
WR
[W]
VR [V]
0
100
200
300
50
30
10
5
3
1
0.5
0.3
0
0.2
0.4 0.6
0.8
1.0 1.2 1.4
1.6
10
1
0.1
0.01
0.001
0
2
4
6
8
10
12
2.4
2.0
1.6
1.2
0.8
0.4
0
140
120
100
80
60
5
10
30
50
100
200


Número de pieza similar - ESAD92M-03R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
ESAD92M-03RR FUJI-ESAD92M-03RR Datasheet
451Kb / 12P
   SILICON DIODE
More results

Descripción similar - ESAD92M-03R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fuji Electric
ERC90 FUJI-ERC90 Datasheet
1Mb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90M-03 FUJI-ERC90M-03 Datasheet
74Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
KS926S2 FUJI-KS926S2 Datasheet
70Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
SC902-2 FUJI-SC902-2 Datasheet
636Kb / 2P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP901C2 FUJI-TP901C2 Datasheet
91Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TP902C2 FUJI-TP902C2 Datasheet
88Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
YG906C2 FUJI-YG906C2 Datasheet
71Kb / 4P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERB93-02 FUJI-ERB93-02 Datasheet
51Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ESAD92M-02R FUJI-ESAD92M-02R Datasheet
89Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
TS967C6R FUJI-TS967C6R Datasheet
65Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
ERC90-02 FUJI-ERC90-02 Datasheet
68Kb / 3P
   LOW LOSS SUPER HIGH SPEED RECTIFIER
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com