Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS62229DDC Datasheet(PDF) 8 Page - Texas Instruments |
|
TPS62229DDC Datasheet(HTML) 8 Page - Texas Instruments |
8 / 24 page www.ti.com 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.5 3 3.5 4 4.5 5 5.5 6 TA = 85°C TA = 25°C TA = -40°C VI - Input Voltage - V 1.45 1.47 1.49 1.51 1.53 1.55 0 50 100 150 200 250 300 IO − Output Current − mA PFM Mode PWM Mode VO 100 mV/div IL 200 mA/div VI = 3.6 V, VO = 1.5 V, L = 4.7 µH, CO =10 µF, Load Step 50 mA to 390 mA transient 200 µs/div 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2.5 3 3.5 4 4.5 5 5.5 6 TA = 85°C TA = 25°C TA = −40°C VI − Input Voltage − V TPS62220, TPS62221, TPS62222 TPS62223, TPS62224, TPS62227 TPS62228, TPS62229 SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006 OUTPUT VOLTAGE rds(on) P-CHANNEL SWITCH vs vs OUTPUT CURRENT INPUT VOLTAGE Figure 7. Figure 8. rds(on) N-CHANNEL SWITCH LOAD TRANSIENT RESPONSE vs INPUT VOLTAGE Figure 9. Figure 10. 8 Submit Documentation Feedback |
Número de pieza similar - TPS62229DDC |
|
Descripción similar - TPS62229DDC |