Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62224DDCTG4 Datasheet(PDF) 2 Page - Texas Instruments

No. de pieza TPS62224DDCTG4
Descripción Electrónicos  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62224DDCTG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS62224DDCTG4 Datasheet HTML 1Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 2Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS62224DDCTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATING TABLE
(1)
RECOMMENDED OPERATING CONDITIONS
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION (1)
TA
OUTPUT VOLTAGE
THIN-SOT23 PACKAGE
SYMBOL
Adjustable
TPS62220DDC
ALN
1.5 V
TPS62221DDC
ALO
1.6 V
TPS62224DDC
ALQ
1.7 V
TPS62229DDC
EJ
-40°C to 85°C
1.8 V
TPS62222DDC
APP
1.875 V
TPS62228DDC
EH
2.3 V
TPS62223DDC
ALX
1.2 V
TPS62227DDC
BRZ
(1)
The DDC package is available in tape and reel. Add R suffix (TPS62220DDCR) to order quantities of 3000 parts. Add T suffix
(TPS62220DDCT) to order quantities of 250 parts.
over operating free-air temperature (unless otherwise noted) (1)
TPS6222x
UNIT
VI
Supply voltage on pin (2)
-0.3 to 7.0
V
Voltages on pins SW, EN, FB (2)
-0.3 to VI +0.3
V
PD
Continuous power dissipation
See Dissipation Rating Table
TJ
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature
-65 to 150
°C
Lead temperature (soldering, 10 sec)
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
TA≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
DDC
400 mW
4 mW/°C
220 mW
160 mW
(1)
The thermal resistance junction to ambient of the 5-pin Thin-SOT23 is 250°C/W.
MIN
NOM
MAX
UNIT
VI
Supply voltage
2.5
6
V
VO
Output voltage range for adjustable output voltage version
0.7
VI
V
IO
Output current
400
mA
L
Inductor (1)
4.7
µH
CI
Input capacitor(1)
4.7
µF
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
(1)
See the application section for further information
2
Submit Documentation Feedback


Número de pieza similar - TPS62224DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62224DDCTG4 TI-TPS62224DDCTG4 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Descripción similar - TPS62224DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com