Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62227DDCTG4 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS62227DDCTG4
Descripción Electrónicos  400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62227DDCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62227DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 10Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 11Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 12Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 13Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 14Page - Texas Instruments TPS62227DDCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
PFM Mode at Light Load
Comparator High
Comparator Low
Comparator Low 2
PWM Mode at Medium to Full Load
1.6%
0.8%
VO
DYNAMIC VOLTAGE POSITIONING
DIGITAL SELF-CALIBRATION
SOFT START
TPS62220, TPS62221, TPS62222
TPS62223, TPS62224, TPS62227
TPS62228, TPS62229
SLVS491D – SEPTEMBER 2003 – REVISED MARCH 2006
DETAILED DESCRIPTION (continued)
Figure 14. Power-Save Mode Thresholds and Dynamic Voltage Positioning
The converter enters the fixed frequency PWM mode again as soon as the output voltage falls below the comp
low 2 threshold.
As described in the power-save mode operation sections and as detailed in Figure 14, the output voltage is
typically 0.8% above the nominal output voltage at light load currents, as the device is in power-save mode. This
gives additional headroom for the voltage drop during a load transient from light load to full load. During a load
transient from full load to light load, the voltage overshoot is also minimized due to active regulation by turning on
the N-channel rectifier switch.
In addition to the control circuit as shown in the block diagram, the TPS6222x series uses an internal digital
self-calibration of the output voltage to minimize DC load and line regulation. This method of self-calibration
allows simple internal loop compensation without the use of external components. The device monitors the
output voltage and as soon as the output voltage drops below typically 1.6% or exceeds typically 1.6% of Vout
the duty cycle will be adjusted in digital steps. As a result, the output voltage changes in digital steps either up or
down where one step is typically 1% of Vout. This results in virtually zero line and load regulation and keeps the
output voltage tolerance within ±3% overload and line variations.
The TPS6222x has an internal soft-start circuit that limits the inrush current during start-up. This prevents
possible voltage drops of the input voltage in case a battery or a high impedance power source is connected to
the input of the TPS6222x. The soft start is implemented as a digital circuit increasing the switch current in steps
of typically 83 mA, 167 mA, 335 mA and then the typical switch current limit of 670 mA. Therefore, the start-up
time mainly depends on the output capacitor and load current.
11
Submit Documentation Feedback


Número de pieza similar - TPS62227DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62227DDCTG4 TI-TPS62227DDCTG4 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
More results

Descripción similar - TPS62227DDCTG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62220 TI-TPS62220 Datasheet
464Kb / 20P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62220 TI-TPS62220_09 Datasheet
682Kb / 24P
[Old version datasheet]   400-mA, 1.25-MHz, HIGH-EFFICIENCY, STEP-DOWN CONVERTER IN THIN-SOT23
TPS62026 TI-TPS62026 Datasheet
612Kb / 24P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI1-TPS62020_16 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020_15 Datasheet
1Mb / 28P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62020 TI-TPS62020 Datasheet
425Kb / 18P
[Old version datasheet]   600 mA/1.25 MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040_15 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI-TPS62040 Datasheet
372Kb / 21P
[Old version datasheet]   1.2 A/1.25 MHZ, HIGH EFFICIENCY STEP DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com