Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

XC6101 Datasheet(PDF) 26 Page - Torex Semiconductor

No. de pieza XC6101
Descripción Electrónicos  Voltage Detector (VDF=1.6V~5.0V)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6101 Datasheet(HTML) 26 Page - Torex Semiconductor

Back Button XC6101_1 Datasheet HTML 19Page - Torex Semiconductor XC6101_1 Datasheet HTML 20Page - Torex Semiconductor XC6101_1 Datasheet HTML 21Page - Torex Semiconductor XC6101_1 Datasheet HTML 22Page - Torex Semiconductor XC6101_1 Datasheet HTML 23Page - Torex Semiconductor XC6101_1 Datasheet HTML 24Page - Torex Semiconductor XC6101_1 Datasheet HTML 25Page - Torex Semiconductor XC6101_1 Datasheet HTML 26Page - Torex Semiconductor XC6101_1 Datasheet HTML 27Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
26/27
XC6101~XC6107, XC6111~XC6117 Series
① Represents product series
② Represents release delay time
MARK
RELEASE DELAY TIME
PRODUCT SERIES
A
3.13ms
XC61XxAxxxxx
B
25ms
XC61XxBxxxxx
C
50ms
XC61XxCxxxxx
D
100ms
XC61XxDxxxxx
E
200ms
XC61XxExxxxx
F
400ms
XC61XxFxxxxx
H
1.6s
XC61XxHxxxxx
③ Represents watchdog timeout period
MARK
WATCHDOG TIMEOUT PERIOD
PRODUCT SERIES
0
XC61X6, XC61X7 series
XC61Xxx0xxxx
1
6.25ms
XC61Xxx1xxxx
2
50ms
XC61Xxx2xxxx
3
100ms
XC61Xxx3xxxx
4
200ms
XC61Xxx4xxxx
5
400ms
XC61Xxx5xxxx
6
1.6s
XC61Xxx6xxxx
④⑤ Represents detect voltage
MARK
DETECT VOLTAGE (V)
PRODUCT SERIES
3
3
3.3
XC61Xxxx33xx
5
0
5.0
XC61Xxxx50xx
⑥ Represents production lot number
0 to 9 and A to Z repeated. (G, I, J, O, Q, W excepted.)
* No character inversion used.
** ‘X’ represents both ‘0’ and ‘1’. (ex. XC61X1⇒XC6101 and XC6111)
MARK
PRODUCT SERIES
MARK
PRODUCT SERIES
3
XC6101xxxxxx
8
XC6111xxxxxx
4
XC6102xxxxxx
9
XC6112xxxxxx
5
XC6103xxxxxx
A
XC6113xxxxxx
6
XC6104xxxxxx
B
XC6114xxxxxx
7
XC6105xxxxxx
C
XC6115xxxxxx
3
XC6106xxxxxx
8
XC6116xxxxxx
4
XC6107xxxxxx
9
XC6117xxxxxx
■MARKING RULE (Continued)
●USP-6C
USP-6C
(TOP VIEW)


Número de pieza similar - XC6101_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC6101A116 TOREX-XC6101A116 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A117 TOREX-XC6101A117 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A118 TOREX-XC6101A118 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A119 TOREX-XC6101A119 Datasheet
521Kb / 26P
   CMOS Voltage Detector
XC6101A120 TOREX-XC6101A120 Datasheet
521Kb / 26P
   CMOS Voltage Detector
More results

Descripción similar - XC6101_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121 TOREX-XC6121 Datasheet
425Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61C TOREX-XC61C_1 Datasheet
758Kb / 17P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
XC61G TOREX-XC61G Datasheet
1Mb / 14P
   LOW VOLTAGE DETECTORS (VDF=0.8V-1.5V)
logo
Golledge Electronics Lt...
MCSO1HV GOLLEDGE-MCSO1HV_18 Datasheet
566Kb / 4P
   5.0V supply voltage
MCSO1H GOLLEDGE-MCSO1H Datasheet
566Kb / 4P
   5.0V supply voltage
logo
List of Unclassifed Man...
PT7V2727 ETC1-PT7V2727 Datasheet
294Kb / 5P
   3.3v/5.0v operating voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com