Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S29GL064A30BAIR10 Datasheet(PDF) 52 Page - SPANSION

No. de pieza S29GL064A30BAIR10
Descripción Electrónicos  64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL064A30BAIR10 Datasheet(HTML) 52 Page - SPANSION

Back Button S29GL064A30BAIR10 Datasheet HTML 48Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 49Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 50Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 51Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 52Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 53Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 54Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 55Page - SPANSION S29GL064A30BAIR10 Datasheet HTML 56Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 95 page
background image
52
S29GL-A
S29GL-A_00_A11 September 10, 2007
Da ta
Sh e e t
9.
Command Definitions
Writing specific address and data commands or sequences into the command register initiates device
operations. Table 10.2 on page 61 and Table 10.1 on page 62 define the valid register command sequences.
Writing incorrect address and data values or writing them in the improper sequence may place the device in
an unknown state. A reset command is then required to return the device to reading array data.
All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on
the rising edge of WE# or CE#, whichever happens first. Refer to AC Characteristics on page 72 for timing
diagrams.
9.1
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to
retrieve data. The device is ready to read array data after completing an Embedded Program or Embedded
Erase algorithm.
After the device accepts an Erase Suspend command, the device enters the erase-suspend-read mode, after
which the system can read data from any non-erase-suspended sector. After completing a programming
operation in the Erase Suspend mode, the system may once again read array data with the same exception.
See Erase Suspend/Erase Resume Commands on page 60 for more information.
The system must issue the reset command to return the device to the read (or erase-suspend-read) mode if
DQ5 goes high during an active program or erase operation, or if the device is in the autoselect mode. See
Reset Command on page 52 for more information.
See also Requirements for Reading Array Data in Device Bus Operations on page 22 for more information.
The Read-Only Operations–AC Characteristics on page 72 provide the read parameters, and Figure 16.2
on page 74 shows the timing diagram.
9.2
Reset Command
Writing the reset command resets the device to the read or erase-suspend-read mode. Address bits are don’t
cares for this command.
The reset command may be written between the sequence cycles in an erase command sequence before
erasing begins. This resets the device to the read mode. Once erasure begins, however, the device ignores
reset commands until the operation is complete.
The reset command may be written between the sequence cycles in a program command sequence before
programming begins. This resets the device to the read mode. If the program command sequence is written
while the device is in the Erase Suspend mode, writing the reset command returns the device to the erase-
suspend-read mode. Once programming begins, however, the device ignores reset commands until the
operation is complete.
The reset command may be written between the sequence cycles in an autoselect command sequence.
Once in the autoselect mode, the reset command must be written to return to the read mode. If the device
entered the autoselect mode while in the Erase Suspend mode, writing the reset command returns the device
to the erase-suspend-read mode.
If DQ5 goes high during a program or erase operation, writing the reset command returns the device to the
read mode (or erase-suspend-read mode if the device was in Erase Suspend).
Note that if DQ1 goes high during a Write Buffer Programming operation, the system must write the Write-to-
Buffer-Abort Reset command sequence to reset the device for the next operation.


Número de pieza similar - S29GL064A30BAIR10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL064A SPANSION-S29GL064A Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10BAI SPANSION-S29GL064A10BAI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10BFI SPANSION-S29GL064A10BFI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10FAI SPANSION-S29GL064A10FAI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
S29GL064A10FFI SPANSION-S29GL064A10FFI Datasheet
1Mb / 88P
   64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
More results

Descripción similar - S29GL064A30BAIR10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29GL-N SPANSION-S29GL-N_07 Datasheet
3Mb / 79P
   64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology
S70GL01GN00 SPANSION-S70GL01GN00_07 Datasheet
1Mb / 83P
   1024 Megabit, 3.0 Volt-only Page Mode Flash Memory Featuring 110 nm MirrorBit??Process Technology
S29GL01GP11TFIR20 SPANSION-S29GL01GP11TFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL512P12TFIV20 SPANSION-S29GL512P12TFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL128P90FFIR20 SPANSION-S29GL128P90FFIR20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL01GP13FFIV20 SPANSION-S29GL01GP13FFIV20 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-P SPANSION-S29GL-P_12 Datasheet
2Mb / 81P
   1 Gigabit, 512 Megabit, 256 Megabit and 128 Megabit 3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
S29GL-M SPANSION-S29GL-M Datasheet
4Mb / 116P
   256,128,64,32,Megabit 3.0 Volt-only Page Mode Flash Memory featuring 0.23 關m MirrorBit Process Technology
S29GL-N SPANSION-S29GL-N Datasheet
2Mb / 100P
   3.0 Volt-only Page Mode Flash Memory featuring 110 nm MirrorBit??Process Technology
S29GL-P SPANSION-S29GL-P_07 Datasheet
2Mb / 77P
   3.0 Volt-only Page Mode Flash Memory featuring 90 nm MirrorBit Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com